Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 91 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 91 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 87Page - Dialog Semiconductor ATXP032 Datasheet HTML 88Page - Dialog Semiconductor ATXP032 Datasheet HTML 89Page - Dialog Semiconductor ATXP032 Datasheet HTML 90Page - Dialog Semiconductor ATXP032 Datasheet HTML 91Page - Dialog Semiconductor ATXP032 Datasheet HTML 92Page - Dialog Semiconductor ATXP032 Datasheet HTML 93Page - Dialog Semiconductor ATXP032 Datasheet HTML 94Page - Dialog Semiconductor ATXP032 Datasheet HTML 95Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 113 page
background image
89
ATXP032
DS-ATXP032–114I–4-2020
Figure 13-19. Echo with Inversion in Octal Mode — SDR
Figure 13-20. Echo with Inversion in Octal Mode — DDR
13.14 Enter Octal Mode (E8h)
The Enter Octal Mode command can only be executed from standard SPI mode. Before the Enter Octal Mode
command can be issued, the Write Enable (06h) command must have been previously issued to set the WEL bit in
the Status/Control register to a logic “1”.
To issue the Enter Octal Mode command, the CS pin must first be asserted and the command of E8h must be
clocked into the device.
Figure 13-21. Enter Octal Mode
Byte
Byte
Output Value
4 Dummy Cycles
Byte
Value
A5h
Opcode
2
3
1
0
6
5
4
I/O7-0
SCK
CS
DS
V
V
Output
Data
Byte Byte
3 Dummy Cycles
1/2 Dummy Cycle
for Octal DTR Alignment
V
Value
A5h
Opcode
2
1
0
5
4
3
I/O7-0
SCK
CS
DS
DDR
MSB
1
1
1
0
1
0
0
0
Opcode
High Impedance
DS
2
3
1
0
6
7
5
4
SI
SCK
CS
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com