Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 10 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 10 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 6Page - Dialog Semiconductor ATXP032 Datasheet HTML 7Page - Dialog Semiconductor ATXP032 Datasheet HTML 8Page - Dialog Semiconductor ATXP032 Datasheet HTML 9Page - Dialog Semiconductor ATXP032 Datasheet HTML 10Page - Dialog Semiconductor ATXP032 Datasheet HTML 11Page - Dialog Semiconductor ATXP032 Datasheet HTML 12Page - Dialog Semiconductor ATXP032 Datasheet HTML 13Page - Dialog Semiconductor ATXP032 Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 113 page
background image
8
ATXP032
DS-ATXP032–114I–4-2020
WP (I/O
2)
WRITE PROTECT: The WP pin controls the hardware locking feature of the device. Please
refer to
“Protection Commands and Features” on page 42 for more details on protection
features and the WP pin.
In octal mode, the I/O
2 pin is used together with I/O7-0 as a bidirectional I/O pin. In these
modes, the I/O2 pin is placed in the high-impedance state whenever the device is deselected
(CS is deasserted).
The WP pin is internally set to a logic 1 state at power up.
The WP pin is used for write protection control in standard SPI mode (1-1-1). The WPP bit in
Status/Control register byte 3 reflects the current state of WP pin.
If the ATXP032 is installed in a system which supports only standard SPI mode, and write
protection control is not needed, the WP pin can be left floating. In this case the value of the
WPP bit is undefined.
Once the WP pin is used in standard SPI mode, it should be always driven.
If the ATXP032 is installed in a system which also supports octal mode, the WP pin functions
as write protection control only in standard SPI mode. In this case, if write protection control is
required, the WP pin must be driven externally when the device is switched from OPI to
standard SPI mode.
In octal mode the WPP bit value is undefined and write protection control logic behaves as if
the WP pin is connected to a logic 1 state.
Low
Input/
Output
I/O
3
I/O
3 : In octal mode, I/O3 is used together with I/O7-0 as a bidirectional I/O pin. In these modes,
the I/O
3 pin is placed in the high-impedance state whenever the device is deselected (CS is
deasserted).
The I/O3 pin should be kept in high-Z state or pulled high while in SPI mode.
-
Input/
Output
DS
DATA STROBE: DS is the return of the SCK clock, synchronized to the return data. It is
available in all modes, and makes it easier to achieve high clock speeds in a system. DS is
required to achieve maximum clock speeds.
DS is driven low as soon as CS is driven low by the host controller, and is driven until CS is
pulled high again. DS is only toggled while the device is transmitting data. DS remains low
while the device is receiving commands, address and data.
In Single Data Rate (SDR) mode, DS is driven high in the first half of the data output cycle, and
low in the second half. In this mode, DS is basically the inverse of SCK, but with a delay. If
SCK is low at the end of an operation, DS will be high. This is the recommended mode of
operation in SDR mode. However, if the host controller requires DS to end low to be able to
use this signal correctly, it is also possible to add half of an SCK pulse and end with SCK high
and DS low.
In DDR mode, DS changes value at the edge of each data bit. In this mode, DS is basically the
same value as SCK, but with a delay.
Achieving high clock rates in systems without DS requires a short signal path between the SPI
master and the memory device, and careful layout of all signal lines to minimize signal delays.
-
Output
I/O
7, I/O6,
I/O5, I/O4
SERIAL I/O: In octal mode, I/O7-4 are used together with I/O3-0 as bidirectional I/O pins. In this
mode, the I/O
7-4 pins (as well as the I/O3-0 pins) are placed in the high-impedance state
whenever the device is deselected (CS is deasserted).
In standard SPI mode, the I/O
7-4 pins are always in a high-impedance state.
-
Input/
Output
Table 4-1.
Pin Descriptions (Continued)
Symbol
Description
Asserted
State
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com