Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 56 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 56 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 52Page - Dialog Semiconductor ATXP032 Datasheet HTML 53Page - Dialog Semiconductor ATXP032 Datasheet HTML 54Page - Dialog Semiconductor ATXP032 Datasheet HTML 55Page - Dialog Semiconductor ATXP032 Datasheet HTML 56Page - Dialog Semiconductor ATXP032 Datasheet HTML 57Page - Dialog Semiconductor ATXP032 Datasheet HTML 58Page - Dialog Semiconductor ATXP032 Datasheet HTML 59Page - Dialog Semiconductor ATXP032 Datasheet HTML 60Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 113 page
background image
54
ATXP032
DS-ATXP032–114I–4-2020
Figure 11-3. Program OTP Security Register in Octal Mode — DDR
11.2
Read OTP Security Register (77h)
The OTP Security register can be sequentially read in a similar fashion to the read array operation up to the
maximum clock frequency specified by f
CLK. To read the OTP Security register, the CS pin must first be asserted
and the 77h command must be clocked into the device. After the command has been clocked in, the four address
bytes must be clocked in to specify the starting address location of the first byte to read within the OTP Security
register.
After the four address bytes have been clocked in, one or more additional dummy bytes need to be clocked into the
device. For the SPI Mode, one dummy byte is used. For octal mode, 8 or more dummy cycles are used as shown
in Table 12-8, Dummy Clock Cycles and Maximum Operating Frequency — -40
oC to +85 oC. Note that the table
refers to full clock cycles, also for DDR modes. Half cycles are not used for dummy cycles, the settings are a
multiple of 2 full cycles.
After the four address bytes and the dummy cycles have been clocked in, additional clock cycles result in data
being output on the I/O pin(s). The data is always output with the MSB of a byte first. When the last byte (0000FFh)
of the OTP Security register has been read, the device continues reading back at the beginning of the register
(000000h). No delays are incurred when wrapping around from the end of the register to the beginning of the
register.
Deasserting the CS pin terminates the read operation and put the I/O pin(s) used into a high-impedance state. The
CS pin can be deasserted at any time and does not require that a full byte of data be read.
Figure 11-4. Read OTP Security Register
D
D
Data In
Byte1 Byte2
A
A
A
A
Address
Bits A
31
-A
0
9Bh
Opcode
2
1
0
3
I/O7-0
SCK
CS
DS
D
D
D
D
D
D
D
D
X
X
X
X
X
X
X
X
A
A
A
A
A
A
A
A
MSB
MSB
LSB
MSB
0
1
1
1
0
1
1
1
Output Data Byte 1
Dummy Byte
Address Bits A31-A0
Opcode
DS
2
3
1
0
6
7
5
4
10 11
9
8
48 49
12
52 53
51
50
37 38
54
41 42
40
39
45 46
44
43
47
SI
SCK
SO
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com