Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 64 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 64 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 60Page - Dialog Semiconductor ATXP032 Datasheet HTML 61Page - Dialog Semiconductor ATXP032 Datasheet HTML 62Page - Dialog Semiconductor ATXP032 Datasheet HTML 63Page - Dialog Semiconductor ATXP032 Datasheet HTML 64Page - Dialog Semiconductor ATXP032 Datasheet HTML 65Page - Dialog Semiconductor ATXP032 Datasheet HTML 66Page - Dialog Semiconductor ATXP032 Datasheet HTML 67Page - Dialog Semiconductor ATXP032 Datasheet HTML 68Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 113 page
background image
62
ATXP032
DS-ATXP032–114I–4-2020
The number of dummy clocks in Table 12-8 below refers to full clock cycles on the SCK pin, both for SDR and DDR
modes.
Refer to section Section 8.1, Read Array (0Bh and 03h) and Section 8.2, Burst Read with Wrap (0Ch) for additional
details.
Table 12-6. Status/Control Register Byte 3
Bit
Acronym
Name
Type
Default
Description
7
W7
Wrap Length
R/W
0
Used to set wrap length. See
Table 12-7, Wrap Bit
Functions — W[7:5].
Default value is 000.
6
W6
R/W
0
5
W5
R/W
0
4
WPP
Write Protect (WP)
Pin Status
R
0
WP is asserted.
1
WP is deasserted.
3
P3
Dummy Clocks
R/W
0
Used to set number of dummy clock cycles.
See
Table 12-8, Dummy Clock Cycles and
Maximum Operating Frequency — -40
oC to +85
oC.
Default value is 0x7.
2
P2
R/W
1
1
P1
R/W
1
0
P0
R/W
1
Table 12-7. Wrap Bit Functions — W[7:5]
W7
W6
W5
Wrap Length
Wrap Around
0
0
0
8-byte
Continuous on same 8-byte line (Default)
0
0
1
16-byte
Continuous on same 16-byte line
0
1
0
32-byte
Continuous on same 32-byte line
0
1
1
N/A
N/A, do not use this wrap bit combination
1
0
0
8-byte
Once, then continue at the beginning of the next 8-byte line
1
0
1
16-byte
Once, then continue at the beginning of the next 16-byte line
1
1
0
32-byte
Once, then continue at the beginning of the next 32-byte line
1
1
1
N/A
N/A, do not use this wrap bit combination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com