Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 24 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 24 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 20Page - Dialog Semiconductor ATXP032 Datasheet HTML 21Page - Dialog Semiconductor ATXP032 Datasheet HTML 22Page - Dialog Semiconductor ATXP032 Datasheet HTML 23Page - Dialog Semiconductor ATXP032 Datasheet HTML 24Page - Dialog Semiconductor ATXP032 Datasheet HTML 25Page - Dialog Semiconductor ATXP032 Datasheet HTML 26Page - Dialog Semiconductor ATXP032 Datasheet HTML 27Page - Dialog Semiconductor ATXP032 Datasheet HTML 28Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 113 page
background image
22
ATXP032
DS-ATXP032–114I–4-2020
Address (4 bytes):
2 clock cycles (eliminated for the next consecutive line)
Dummy cycles:
14.5 clock cycles (eliminated for the next consecutive line)
Data (16 Bytes):
8 clock cycles
The behavior of the “Burst Read with Wrap (0Ch)” instruction is controlled by the W7 - W5 bits in as described in
Table 12-6, Status/Control Register Byte 3.
The wrap length and wrap mode parameters set by the W7 - W5 bits in one SPI mode is still valid in the other SPI
mode and can also be re-configured by the “Write Status Registers (71h)” instruction. See Table 12-7 for details on
wrap bit settings.
Once W7 - W5 are set, all the following “Burst Read with Wrap (0Ch)” instructions use the W7 - W5 setting to
access the 8/16/32-byte section within any page.
If W7 is cleared, the device operates in wrap-around mode. The “Burst Read with Wrap (0Ch)” instruction will read
to the end of the fixed length section (cache line), wrap around to the beginning of the section and continue reading
the same cache line continuously for as long as additional clock pulses are sent to SCK. There is no delay caused
by the wrap around, the first byte of the cache line follows immediately after the last. This operation is shown in
Figure 8-5. This mode of operation is included for compatibility with other XiP devices, and for MCUs that do not
support the continuous mode.
Figure 8-5.
Burst Read with Wrap, Wrap Around Mode (W7 = 0)
An example of this operation in wrap-around mode is shown in Figure 8-6. Here the wrap length is set to 8 for
simplicity. The requested address is 1E34h. The device therefore reads 1E34h first, followed by 1E35h, 1E36h,
and 1E37h. This is the end of the 8-byte cache line. The next address to be read out is 1E30h, followed by 1E31h,
1E32h, and 1E33h. If the read operation continues, the device outputs 1E34h again, and this loop continues for as
long as the device is clocked.
Figure 8-6.
Burst Read with Wrap Example, Wrap Around Mode (W7 = 0), Wrap Length 8, Requested Address = 1E34h
If W7 is set, the device operates in continuous mode. This is the preferred mode for maximum XiP performance for
cached MCUs. For the first cache line, the continuous mode operates the same way as the wrap-around mode.
The “Burst Read with Wrap (0Ch)” instruction reads to the end of the line, then wraps around to the beginning and
Byte 0
First Byte of
Cache Line
Last Byte of
Cache Line
Note: Each transition
shown represents one byte (8 bits)
Byte X-1
Last Byte
Read
Byte N
First Byte
Read
Byte X
Address
Requested
Note: Each transition
shown represents one byte (8 bits)
Last Byte
Read
First Byte
Read
1E30h
1E31h
1E32h
1E33h
1E34h
1E35h
1E36h
1E37h
Address
Requested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com