Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 28 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 28 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 24Page - Dialog Semiconductor ATXP032 Datasheet HTML 25Page - Dialog Semiconductor ATXP032 Datasheet HTML 26Page - Dialog Semiconductor ATXP032 Datasheet HTML 27Page - Dialog Semiconductor ATXP032 Datasheet HTML 28Page - Dialog Semiconductor ATXP032 Datasheet HTML 29Page - Dialog Semiconductor ATXP032 Datasheet HTML 30Page - Dialog Semiconductor ATXP032 Datasheet HTML 31Page - Dialog Semiconductor ATXP032 Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 113 page
background image
26
ATXP032
DS-ATXP032–114I–4-2020
Figure 8-12. Timing Diagram for Two Consecutive Accesses in Octal Mode — DDR
See the bullet items on page 23 regarding the value of the I/O lines while the clock is stopped.
8.3
Buffer Read (D4h)
The SRAM data buffers can be accessed independently from the main memory array, and utilizing the Buffer Read
command allows data to be sequentially read directly from the buffer.
To perform a Buffer Read, the command D4h must be clocked into the device followed by four address bytes
comprised of 24 dummy bits and 8 buffer address bits (BFA
7 - BFA0). Following the address bytes, one dummy
byte must be clocked into the device to initialize the read operation. The CS pin must remain low during the loading
of the command, the address bytes, the dummy byte and the reading of data. When the end of a buffer is reached,
the device continues reading back at the beginning of the buffer. A low-to-high transition on the CS pin terminates
the read operation and tri-state the output pin (SO).
Note that the Buffer Read command is only allowed in Standard SPI Mode.
D5
D4
D1
D0
D6
D2
D7
D3
D5
D4
D1
D0
D6
D2
D7
D3
D5
D4
D1
D0
D6
D2
D7
D3
D5
D4
D1
D0
D6
D2
D7
D3
MSB
MSB
See Note
See Note
See Note
See Note
See Note
See Note
See Note
See Note
MSB
MSB
Byte 0
Byte 1
Byte n
Byte n-1
I/O0
(SI)
SCK
I/O1
(SO)
I/O2
(WP)
I/O3
CS
I/O4
I/O5
I/O6
I/O7
DS
First byte of
next group
Last byte of
previous group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com