Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 103 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 103 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 99Page - Dialog Semiconductor ATXP032 Datasheet HTML 100Page - Dialog Semiconductor ATXP032 Datasheet HTML 101Page - Dialog Semiconductor ATXP032 Datasheet HTML 102Page - Dialog Semiconductor ATXP032 Datasheet HTML 103Page - Dialog Semiconductor ATXP032 Datasheet HTML 104Page - Dialog Semiconductor ATXP032 Datasheet HTML 105Page - Dialog Semiconductor ATXP032 Datasheet HTML 106Page - Dialog Semiconductor ATXP032 Datasheet HTML 107Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 113 page
background image
101
ATXP032
DS-ATXP032–114I–4-2020
Figure 14-2. Overshoot / Undershoot Definition
14.10 Input Test Waveforms and Measurement Levels
14.11 Output Test Load
15.
Power-On / Reset State
When power is first applied to the device, or when recovering from a reset condition, the output pin (SO) is in a high
impedance state, and a high-to-low transition on the CS pin is required to start a valid instruction. The SPI mode (3
or 0) is automatically selected on every falling edge of CS by sampling the inactive clock state.
15.1
Power-Up/Power-Down Voltage and Timing Requirements
As the device initializes, there is a transient current demand. The system needs to be capable of providing this
current to ensure correct initialization. During power-up, the device must not be READ for at least the minimum
t
VCSL time after the supply voltage reaches the minimum VCC level (VCC min). While the device is being powered-
up, the internal Power-on Reset (POR) circuitry keeps the device in a reset mode until the supply voltage rises
above the minimum V
CC. During this time, all operations are disabled and the device does not respond to any
commands. The internal reset level, V
POR, is lower than VCC min. However, the tVCSL time is measured from when
V
CC reaches VCC min.
If the first operation to the device after power-up is a program or erase operation, then the operation cannot be
started until the supply voltage reaches the minimum V
CC level and an internal device delay has elapsed. This
delay is a maximum time of t
PUW. After the tPUW time, the device is placed in standby mode if CS is at logic high or
active mode if CS is at logic low. For the case of power-down then power-up operation, or if a power interruption
V
CC
GND
Voltage
Time
Undershoot Area
Overshoot Area
Maximum Amplitude
Maximum Amplitude
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0.1V
CC
V
CC/2
0.9V
CC
tR, tF < 2 ns (10% to 90%)
Device
Under
Test
C
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com