Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 104 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 104 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 100Page - Dialog Semiconductor ATXP032 Datasheet HTML 101Page - Dialog Semiconductor ATXP032 Datasheet HTML 102Page - Dialog Semiconductor ATXP032 Datasheet HTML 103Page - Dialog Semiconductor ATXP032 Datasheet HTML 104Page - Dialog Semiconductor ATXP032 Datasheet HTML 105Page - Dialog Semiconductor ATXP032 Datasheet HTML 106Page - Dialog Semiconductor ATXP032 Datasheet HTML 107Page - Dialog Semiconductor ATXP032 Datasheet HTML 108Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 113 page
background image
102
ATXP032
DS-ATXP032–114I–4-2020
occurs (such that V
CC drops below VPOR max), the VCC of the Flash device must be maintained below VPWD for at
least the minimum specified T
PWD time. This is to ensure the Flash device resets properly after a power
interruption.
Figure 15-1. Power-Up Timing
Table 15-1. Voltage and Timing Requirements for Power-Up/Power-Down
Symbol
Parameter
Min
Max
Units
V
PWD
V
CC for device initialization
1.0
V
t
PWD
Minimum duration for device initialization
300
µs
tVCSL
Minimum VCC to chip select low time
70
µs
t
VR
(1)
V
CC rise time
1
500000
µs/V
t
PUW
Power-up device delay before program or erase allowed
3
ms
VPOR
Power-on reset voltage
1.45
1.6
V
1.
Not 100% tested (value guaranteed by design and characterization).
V
CC
V
CC-MAX
V
CC-MIN
V
POR
(Device in Reset)
Program and Erase Commands Rejected
TIME
t
PUW
All Commands Rejected
t
VCSL
Read Operations
Permitted
Full Operation
Permitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com