Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPA2005 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2005
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2005 Datasheet(HTML) 30 Page - Texas Instruments

Back Button DLPA2005 Datasheet HTML 26Page - Texas Instruments DLPA2005 Datasheet HTML 27Page - Texas Instruments DLPA2005 Datasheet HTML 28Page - Texas Instruments DLPA2005 Datasheet HTML 29Page - Texas Instruments DLPA2005 Datasheet HTML 30Page - Texas Instruments DLPA2005 Datasheet HTML 31Page - Texas Instruments DLPA2005 Datasheet HTML 32Page - Texas Instruments DLPA2005 Datasheet HTML 33Page - Texas Instruments DLPA2005 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
Table 7-5. SPI Flash Instruction OpCode and Access Profile Compatibility Requirements
SPI FLASH COMMAND
BYTE 1
(OPCODE)
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
Fast READ (1 output)
0x0B
ADDRS(0)
ADDRS(1)
ADDRS(2)
dummy
DATA(0)(1)
Read status
0x05
N/A
N/A
STATUS(0)
Write status
0x01
STATUS(0)
See (2)
Write enable
0x06
Page program
0x02
ADDRS(0)
ADDRS(1)
ADDRS(2)
DATA(0)(1)
Sector erase (4 KB)
0x20
ADDRS(0)
ADDRS(1)
ADDRS(2)
Chip erase
0xC7
(1)
Shows the first data byte only. Data continues.
(2)
Access to a second (expansion) write status byte not supported by the DLPC1438 controller.
Table 7-6 below and the Flash Interface Timing Requirements section list the specific timing compatibility
requirements for a DLPC1438 compatible flash device.
Table 7-6. SPI Flash Key Timing Parameter Compatibility Requirements
SPI FLASH TIMING PARAMETER(1) (2)
SYMBOL
ALTERNATE SYMBOL
MIN
MAX
UNIT
Access frequency (all commands)
FR
fC
≤ 1.4
≥ 30.1
MHz
Chip select high time (also called chip select
deselect time)
tSHSL
tCSH
≤ 200
ns
Output hold time
tCLQX
tHO
≥ 0
ns
Clock low to output valid time
tCLQV
tV
≤ 11
ns
Data in set-up time
tDVCH
tDSU
≤ 5
ns
Data in hold time
tCHDX
tDH
≤ 5
ns
(1)
The timing values apply to the specification of the peripheral flash device, not the DLPC1438 controller. For example, the flash device
minimum access frequency (FR) must be 1.4 MHz or less and the maximum access frequency must be 30.1 MHz or greater.
(2)
The DLPC1438 does not drive the HOLD or WP (active low write protect) pins on the flash device, and thus these pins must be tied to
a logic high on the PCB through an external pullup.
In order for the DLPC1438 controller to support 1.8-V, 2.5-V, or 3.3-V serial flash devices, the VCC_FLSH pin
must be supplied with the corresponding voltage. The DLPC1438 Validated SPI Flash Device Options table
contains a list of validated 1.8-V, 2.5-V, or 3.3-V compatible SPI serial flash devices supported by the DLPC1438
controller.
Table 7-7. DLPC1438 Validated SPI Flash Device Options(1) (2) (3)
DENSITY (Mb)
VENDOR
PART NUMBER
PACKAGE SIZE
1.8-V COMPATIBLE DEVICES
4 Mb
Winbond
W25Q40BWUXIG
2 × 3 mm USON
4 Mb
Macronix
MX25U4033EBAI-12G
1.43 × 1.94 mm WLCSP
8 Mb
Macronix
MX25U8033EBAI-12G
1.68 × 1.99 mm WLCSP
2.5- OR 3.3-V COMPATIBLE DEVICES
16 Mb
Winbond
W25Q16CLZPIG
5 × 6 mm WSON
(1)
The flash supply voltage must equal VCC_FLSH supply voltage on the DLPC1438 controller. Make sure to order the device that
supports the correct supply voltage as multiple voltage options are often available.
(2)
Numonyx (Micron) serial flash devices typically do not support the 4 KB sector size compatibility requirement for the DLPC1438
controller.
(3)
The flash devices in this table have been formally validated by TI. Other flash options may be compatible with the DLPC1438
controller, but they have not been formally validated by TI.
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
www.ti.com
30
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com