Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPA2005 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2005
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2005 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DLPA2005 Datasheet HTML 11Page - Texas Instruments DLPA2005 Datasheet HTML 12Page - Texas Instruments DLPA2005 Datasheet HTML 13Page - Texas Instruments DLPA2005 Datasheet HTML 14Page - Texas Instruments DLPA2005 Datasheet HTML 15Page - Texas Instruments DLPA2005 Datasheet HTML 16Page - Texas Instruments DLPA2005 Datasheet HTML 17Page - Texas Instruments DLPA2005 Datasheet HTML 18Page - Texas Instruments DLPA2005 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
6.6 Pin Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER(3)
TEST
CONDITIONS(4)
MIN
TYP
MAX
UNIT
IOH
High-level output
current(5)
I/O type 2, 4
VCC18 = 1.8 V
2
mA
I/O type 5
VCC_INTF = 1.8 V
2
I/O type 1
VCC18 = 1.8 V
3.5
I/O type 9
VCC_INTF = 1.8 V
3.5
I/O type 13
VCC_FLSH = 1.8 V
3.5
I/O type 3
VCC18 = 1.8 V
10.6
I/O type 5
VCC_INTF = 2.5 V
5.4
I/O type 9, 13
VCC_INTF = 2.5V
10.8
I/O type 13
VCC_FLSH = 2.5 V
10.8
I/O type 5
VCC_INTF = 3.3 V
7.8
I/O type 9
VCC_INTF = 3.3 V
15
I/O type 13
VCC_FLSH = 3.3 V
15
IOL
Low-level output
current(6)
I2C buffer (I/O type 7)
3
mA
I/O type 2, 4
VCC18 = 1.8 V
2.3
I/O type 5
VCC_INTF = 1.8 V
2.3
I/O type 1
VCC18 = 1.8 V
4.6
I/O type 9
VCC_INTF = 1.8 V
4.6
I/O type 13
VCC_FLSH = 1.8 V
4.6
I/O type 3
VCC18 = 1.8 V
13.9
I/O type 5
VCC_INTF = 2.5 V
5.2
I/O type 9
VCC_INTF = 2.5 V
10.4
I/O type 13
VCC_FLSH = 2.5 V
10.4
I/O type 5
VCC_INTF = 3.3 V
4.4
I/O type 9
VCC_INTF = 3.3 V
8.9
I/O type 13
VCC_FLSH = 3.3 V
8.9
IOZ
High-impedance
leakage current
I2C buffer (I/O type 7)
VI2C buffer < 0.1 ×
VCC_INTF or
VI2C buffer > 0.9 ×
VCC_INTF
–10
10
µA
I/O type 1, 2, 3, 6, 8,
VCC18 = 1.8 V
–10
10
I/O Type 5, 9, 11
VCC_INTF = 1.8 V
–10
10
I/O Type 12, 13
VCC_FLSH = 1.8 V
–10
10
I/O type 5, 9, 11
VCC_INTF = 2.5 V
–10
10
I/O Type 12, 13
VCC_FLSH = 2.5 V
–10
10
I/O Type 5, 9, 11
VCC_INTF = 3.3 V
–10
10
I/O type 12, 13
VCC_FLSH = 3.3 V
–10
10
www.ti.com
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com