Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPA2005 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2005
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2005 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DLPA2005 Datasheet HTML 33Page - Texas Instruments DLPA2005 Datasheet HTML 34Page - Texas Instruments DLPA2005 Datasheet HTML 35Page - Texas Instruments DLPA2005 Datasheet HTML 36Page - Texas Instruments DLPA2005 Datasheet HTML 37Page - Texas Instruments DLPA2005 Datasheet HTML 38Page - Texas Instruments DLPA2005 Datasheet HTML 39Page - Texas Instruments DLPA2005 Datasheet HTML 40Page - Texas Instruments DLPA2005 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
8.2.2 Pattern projector for 3D printer with actuator
DLPC1438 controller with DLP300S/DLP301S DMD enables high accuracy and low cost 3D printer products.
Figure 8-3 shows a typical 3D printer system block diagram using external print mode.
Illumination
optics
DLPC1438
DMD
DLPA200x
TI DLP Chipset
Non-TI Device
VBIAS, VOFFSET,
VRESET
SYSPWR
Sub-LVDS DATA
PROJ_ON
HOST_IRQ
I
2
C
Flash
SPI (4)
VLED
CTRL
RLIM
1.8 V external
1.8 V
PROJ_ON
VCC_18
VCC_INTF
VCC_FLSH
VDD
SPI (4)
SPI (4)
INTZ
Thermistor
VDDLP12
SPI0
SPI1
RESETZ
PARKZ
GPIO_8
GPIO_10
CMP_OUT
1.8 V
1.1 V
Front End
Processor
DC
Supplies
VSPI
1.8 V
1.1 Reg
1.1 V
L3
L2
L1
LED_SEL (2)
RC_
CHARGE
1.8 V
FPGA
Parallel (12)
I
2
C
SPI_RDY
FPGA_READY
Flash
Frame
Memory
Actuator
Driver
Actuator
ACT_SYNC
Figure 8-3. Internal Pattern Streaming Mode
8.2.2.1 Design Requirements
When higher resolution is required, a front-end FPGA design is provided which provides actuator control and
synchronization, as well as providing a data bridge between an SPI output of a host processor and the parallel
interface of the DLPC1438. This FPGA combined with the DLP300S/DLP301S, DLPC1438, and DLPA200x
PMIC/LED driver complete the control electronics for the optical module of a 3D printer. In addition to the DLP
chipset, other IC components may be needed including a flash device to store the software and firmware to
control the DLPC1438.
A 405nm LED typically supplies the illumination for the DMD. In addition to LEDs, other light sources are
supported.
For connecting the DLPC1438 controller to the host processing for receiving patterns or video data, the parallel
interface is used. Connect an I2C interface to the host processor to send commands to the DLPC1438 controller.
8.2.2.2 Detailed Design Procedure
For connecting the DLP300S/DLP301S DMD, the DLPC1438 controller and the DLPA200x or DLPA300x
PMIC/LED driver see the reference design schematic. Follow the layout guidelines shown in Section 10 to
achieve reliable DLP system results.
8.2.2.3 Application Curve
See the Section 8.2.1.3 as the brightness considerations are similar in systems with and without an FPGA.
www.ti.com
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com