Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPA2005 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2005
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2005 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DLPA2005 Datasheet HTML 20Page - Texas Instruments DLPA2005 Datasheet HTML 21Page - Texas Instruments DLPA2005 Datasheet HTML 22Page - Texas Instruments DLPA2005 Datasheet HTML 23Page - Texas Instruments DLPA2005 Datasheet HTML 24Page - Texas Instruments DLPA2005 Datasheet HTML 25Page - Texas Instruments DLPA2005 Datasheet HTML 26Page - Texas Instruments DLPA2005 Datasheet HTML 27Page - Texas Instruments DLPA2005 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
(3)
The pulse width encompasses the minimum high time and the minimum low time for this signal.
6.17 DMD Sub-LVDS Interface Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tR (1)
Differential output rise time
250
ps
tF (1)
Differential output fall time
250
tswitch
DMD HS Clock switching rate
1200
Mbps
fclock
DMD HS Clock frequency
600
MHz
DCout
DMD HS Clock output duty cycle
45%
50%
55%
(1)
Rise and fall times are defined for the differential VOD signal as shown in Figure 6-2.
6.18 DMD Parking Switching Characteristics
See (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpark
Normal Park time(1)
20
ms
tfast park
Fast park time(3)
32
µs
(1)
Normal park time is defined as how long it takes the DLPC34xx controller to complete the parking of the DMD after it receives the
normal park request (GPIO_08 goes low).
(2)
The oscillator and power supplies must remain active for at least the duration of the park time. The power supplies must additionally
be held on for a time after parking is completed to satisfy DMD requirements. See Section 9.2 and the appropriate DMD or PMIC
datasheet for more information.
(3)
Fast park time is defined as how long it takes the DLPC34xx controller to complete the parking of the DMD after it receives the fast
park request (PARKZ goes low).
6.19 Chipset Component Usage Specification
The DLPC1438 is a component of a DLP chipset. Reliable function and operation of the DLP chipset requires
that it be used with all components (DMD, PMIC, and controller) of the applicable DLP chipset.
Table 6-1. DLPC1438 Supported DMDs and PMICs
DLPC1438 DLP Chipset
DMD
DLP300S
DLP301S
PMIC
DLPA2000
DLPA2005
DLPA3000
DLPA3005
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com