Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPA2005 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2005
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2005 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLPA2005 Datasheet HTML 8Page - Texas Instruments DLPA2005 Datasheet HTML 9Page - Texas Instruments DLPA2005 Datasheet HTML 10Page - Texas Instruments DLPA2005 Datasheet HTML 11Page - Texas Instruments DLPA2005 Datasheet HTML 12Page - Texas Instruments DLPA2005 Datasheet HTML 13Page - Texas Instruments DLPA2005 Datasheet HTML 14Page - Texas Instruments DLPA2005 Datasheet HTML 15Page - Texas Instruments DLPA2005 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V(VDD)
Core power 1.1 V (main 1.1 V)
1.045
1.10
1.155
V
V(VDDLP12)
Unused
1.045
1.10
1.155
V
V(VCC18)
All 1.8-V I/O power:
(1.8-V power supply for all I/O pins except the host
or parallel interface and the SPI flash interface. This
includes RESETZ, PARKZ LED_SEL, CMP_OUT, GPIO,
IIC1, TSTPT, and JTAG pins.)
1.64
1.80
1.96
V
V(VCC_INTF)
Host or parallel interface I/O power: 1.8 to 3.3 V (includes
IIC0, PDATA, video syncs, and HOST_IRQ pins)
See (1)
1.64
1.80
1.96
V
2.28
2.50
2.72
3.02
3.30
3.58
V(VCC_FLSH)
Flash interface I/O power: 1.8 V to 3.3 V
See (1)
1.64
1.80
1.96
V
2.28
2.50
2.72
3.02
3.30
3.58
V(VDD_PLLM)
MCG PLL 1.1-V power
See (2)
1.025
1.100
1.155
V
V(VDD_PLLD)
DCG PLL 1.1-V power
See (2)
1.025
1.100
1.155
V
TA
Operating ambient temperature(3)
–30
85
°C
TJ
Operating junction temperature
–30
105
°C
(1)
These supplies have multiple valid ranges.
(2)
The minimum voltage is lower than other 1.1-V supply minimum to enable additional filtering. This filtering may result in an IR drop
across the filter.
(3)
The operating ambient temperature range assumes 0 forced air flow, a JEDEC JESD51 junction-to-ambient thermal resistance value
at 0 forced air flow (RθJA at 0 m/s), a JEDEC JESD51 standard test card and environment, along with minimum and maximum
estimated power dissipation across process, voltage, and temperature. Thermal conditions vary by application, and this affects RθJA.
Thus, maximum operating ambient temperature varies by application.
•
Ta_min = Tj_min – (Pd_min × RθJA) = –30°C – (0.0 W × 28.8°C/W) = –30°C
•
Ta_max = Tj_max – (Pd_max × RθJA) = +105°C – (0.348 W × 28.8°C/W) = +95.0°C
6.4 Thermal Information
THERMAL METRIC(1)
DLPC1438 controller
UNIT
ZEZ (NFBGA)
201 PINS
RθJC
Junction-to-case thermal resistance
10.1
°C/W
RθJA
Junction-to-air thermal
resistance
at 0 m/s of forced airflow(2)
28.8
°C/W
at 1 m/s of forced airflow(2)
25.3
at 2 m/s of forced airflow(2)
24.4
ψJT
Temperature variance from junction to package top center temperature, per
unit power dissipation(3)
0.23
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Thermal coefficients abide by JEDEC Standard 51. RθJA is the thermal resistance of the package as measured using a JEDEC defined
standard test PCB. This JEDEC test PCB is not necessarily representative of the DLPC1438 controller PCB and thus the reported
thermal resistance may not be accurate in the actual product application. Although the actual thermal resistance may be different , it is
the best information available during the design phase to estimate thermal performance.
(3)
Example: (0.5 W) × (0.2 °C/W) ≈ 0.1°C temperature rise.
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com