Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPA2005 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2005
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2005 Datasheet(HTML) 38 Page - Texas Instruments

Back Button DLPA2005 Datasheet HTML 34Page - Texas Instruments DLPA2005 Datasheet HTML 35Page - Texas Instruments DLPA2005 Datasheet HTML 36Page - Texas Instruments DLPA2005 Datasheet HTML 37Page - Texas Instruments DLPA2005 Datasheet HTML 38Page - Texas Instruments DLPA2005 Datasheet HTML 39Page - Texas Instruments DLPA2005 Datasheet HTML 40Page - Texas Instruments DLPA2005 Datasheet HTML 41Page - Texas Instruments DLPA2005 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
9 Power Supply Recommendations
9.1 PLL Design Considerations
It is acceptable for the VDD_PLLD and VDD_PLLM to be derived from the same regulator as the core VDD.
However, to minimize the AC noise component, apply a filter as recommended in the PLL Power Layout section.
9.2 System Power-Up and Power-Down Sequence
Although the DLPC1438 requires an array of power supply voltages, (for example, VDD, VDDLP12,
VDD_PLLM/D, VCC18, VCC_FLSH, VCC_INTF), because VDDLP12 is tied to the 1.1-V VDD supply, then there
are no restrictions regarding the relative order of power supply sequencing to avoid damaging the controller
(This is true for both power-up and power-down scenarios). Similarly, there is no minimum time between
powering-up or powering-down the different supplies if VDDLP12 is tied to the 1.1-V VDD supply.
Although there is no risk of damaging the controller if the above power sequencing rules are followed, the
following additional power sequencing recommendations must be considered to ensure proper system operation.
• To ensure that DLPC1438 output signal states behave as expected, all controller I/O supplies should remain
applied while VDD core power is applied. If VDD core power is removed while the I/O supply (VCC_INTF) is
applied, then the output signal state associated with the inactive I/O supply goes to a high impedance state.
• Additional power sequencing rules may exist for devices that share the supplies with the controller, and thus
these devices may force additional system power sequencing requirements.
Note that when VDD core power is applied, but I/O power is not applied, additional leakage current may be
drawn. This added leakage does not affect normal controller operation or reliability.
Figure 9-1, Figure 9-2 and Figure 9-3 show the controller power-up and power-down sequence for both the
normal PARK and fast PARK operations of the DLPC1438 controller.
Note
During a Normal Park it is recommended to maintain SYSPWR within specification for at least 50 ms
after PROJ_ON goes low. This is to allow the DMD to be parked and the power supply rails to safely
power down. After 50 ms, SYSPWR can be turned off. If a DLPA200x is used, it is also recommended
that the 1.8-V supply fed into the DLPA200x load switch be maintained within specification for at least
50 ms after PROJ_ON goes low.
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
www.ti.com
38
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com