Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPA2005 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2005
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2005 Datasheet(HTML) 31 Page - Texas Instruments

Back Button DLPA2005 Datasheet HTML 27Page - Texas Instruments DLPA2005 Datasheet HTML 28Page - Texas Instruments DLPA2005 Datasheet HTML 29Page - Texas Instruments DLPA2005 Datasheet HTML 30Page - Texas Instruments DLPA2005 Datasheet HTML 31Page - Texas Instruments DLPA2005 Datasheet HTML 32Page - Texas Instruments DLPA2005 Datasheet HTML 33Page - Texas Instruments DLPA2005 Datasheet HTML 34Page - Texas Instruments DLPA2005 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
7.3.4.2 SPI Flash Programming
The SPI pins of the flash can directly be driven for flash programming while the DLPC1438 controller I/Os are
tri-stated. SPI0_CLK, SPI0_DOUT, and SPI0_CSZ0 I/O can be tri-stated by holding RESETZ in a logic low state
while power is applied to the controller. The logic state of the SPI0_CSZ1 pin is not affected by this action.
Alternatively, the DLPC1438 controller can program the SPI flash itself when commanded via I2C if a valid
firmware image has already been loaded and the controller is operational.
7.3.5 I2C Interface
Both of the DLPC1438 I2C interface ports support a 100-kHz baud rate. Because I2C interface transactions
operate at the speed of the slowest device on the bus, there is no requirement to match the speed of all devices
in the system.
7.3.6 Test Point Support
The DLPC1438 test point output port, TSTPT_(7:0), provides selected system calibration and controller debug
support. These test points are inputs when reset is applied. These test points are outputs when reset is released.
The controller samples the signal state upon the release of system reset and then uses the captured value
to configure the test mode until the next time reset is applied. Because each test point includes an internal
pulldown resistor, external pullups must be used to modify the default test configuration.
The default configuration (b000) corresponds to the TSTPT_(2:0) outputs remaining tri-stated to reduce
switching activity during normal operation. For maximum flexibility, a jumper to external pullup resistors is
recommended for TSTPT_(2:0). The pullup resistors on TSTPT_(2:0) can be used to configure the controller
for a specific mode or option. TI does not recommend adding pullup resistors to TSTPT_(7:3) due to potentially
adverse effects on normal operation. For normal use TSTPT_(7:3) should be left unconnected. The test points
are sampled only during a 0-to-1 transition on the RESETZ input, so changing the configuration after reset is
released does not have any effect until the next time reset asserts and releases. Table 7-8 describes the test
mode selections for one programmable scenario defined by TSTPT_(2:0).
Table 7-8. Test Mode Selection Scenario Defined by TSTPT_(2:0)
TSTPT OUTPUT VALUE(1)
NO SWITCHING ACTIVITY
CLOCK DEBUG OUTPUT
TSTPT_(2:0) = 0b000
TSTPT_(2:0) = 0b010
TSTPT_0
HI-Z
60 MHz
TSTPT_1
HI-Z
30 MHz
TSTPT_2
HI-Z
0.7 to 22.5 MHz
TSTPT_3
HI-Z
HIGH
TSTPT_4
HI-Z
LOW
TSTPT_5
HI-Z
HIGH
TSTPT_6
HI-Z
HIGH
TSTPT_7
HI-Z
7.5 MHz
(1)
These are default output selections. Software can reprogram the selection at any time.
7.3.7 DMD Interface
The DLPC1438 controller DMD interface consists of one high-speed (HS), 1.8-V sub-LVDS, output-only interface
and one low speed (LS), 1.8-V LVCMOS SDR interface with a typical fixed clock speed of 120 MHz.
7.3.7.1 Sub-LVDS (HS) Interface
The DLP300S/DLP301S DMD does not require all of the available output data lanes of the controller. Internal
software selection allows the controller to support multiple DMD interface swap configurations. These options
can improve board layout by remapping specific combinations of DMD interface lines to other DMD interface
lines as needed. Table 7-9 shows the two options available for the DLP300S/DLP301S DMD. Leave any unused
DMD signal pairs unconnected on the final board design.
www.ti.com
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com