Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPA2005 Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2005
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2005 Datasheet(HTML) 50 Page - Texas Instruments

Back Button DLPA2005 Datasheet HTML 46Page - Texas Instruments DLPA2005 Datasheet HTML 47Page - Texas Instruments DLPA2005 Datasheet HTML 48Page - Texas Instruments DLPA2005 Datasheet HTML 49Page - Texas Instruments DLPA2005 Datasheet HTML 50Page - Texas Instruments DLPA2005 Datasheet HTML 51Page - Texas Instruments DLPA2005 Datasheet HTML 52Page - Texas Instruments DLPA2005 Datasheet HTML 53Page - Texas Instruments DLPA2005 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
Table 10-6. Signal Requirements
PARAMETER
REFERENCE
REQUIREMENT
Source series termination
DMD_LS_WDATA
Required
DMD_LS_CLK
Required
DMD_DEN_ARSTZ
Acceptable
DMD_LS_RDATA
Required
DMD_HS_WDATA_x_y
Not acceptable
DMD_HS_CLK_y
Not acceptable
Endpoint termination
DMD_LS_WDATA
Not acceptable
DMD_LS_CLK
Not acceptable
DMD_DEN_ARSTZ
Not acceptable
DMD_LS_RDATA
Not acceptable
DMD_HS_WDATA_x_y
Not acceptable
DMD_HS_CLK_y
Not acceptable
PCB impedance
DMD_LS_WDATA
68 Ω ±10%
DMD_LS_CLK
68 Ω ±10%
DMD_DEN_ARSTZ
68 Ω ±10%
DMD_LS_RDATA
68 Ω ±10%
DMD_HS_WDATA_x_y
100 Ω ±10%
DMD_HS_CLK_y
100 Ω ±10%
Signal type
DMD_LS_WDATA
SDR (single data rate) referenced to DMD_LS_DCLK
DMD_LS_CLK
SDR referenced to DMD_LS_DCLK
DMD_DEN_ARSTZ
SDR
DMD_LS_RDATA
SDR referenced to DMD_LS_DLCK
DMD_HS_WDATA_x_y
sub-LVDS
DMD_HS_CLK_y
sub-LVDS
10.1.5 Layer Changes
• Single-ended signals: Minimize the number of layer changes.
• Differential signals: Individual differential pairs can be routed on different layers. Ideally ensure that the
signals of a given pair do not change layers.
10.1.6 Stubs
• Avoid using stubs.
10.1.7 Terminations
• DMD_HS differential signals require no external termination resistors.
• Make sure the DMD_LS_CLK and DMD_LS_WDATA signal paths include a 43-Ω series termination resistor
located as close as possible to the corresponding controller pins.
• Make sure the DMD_LS_RDATA signal path includes a 43-Ω series termination resistor located as close as
possible to the corresponding DMD pin.
• The DMD_DEN_ARSTZ pin requires no series resistor.
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
www.ti.com
50
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com