Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPA2005 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2005
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2005 Datasheet(HTML) 57 Page - Texas Instruments

Back Button DLPA2005 Datasheet HTML 52Page - Texas Instruments DLPA2005 Datasheet HTML 53Page - Texas Instruments DLPA2005 Datasheet HTML 54Page - Texas Instruments DLPA2005 Datasheet HTML 55Page - Texas Instruments DLPA2005 Datasheet HTML 56Page - Texas Instruments DLPA2005 Datasheet HTML 57Page - Texas Instruments DLPA2005 Datasheet HTML 58Page - Texas Instruments DLPA2005 Datasheet HTML 59Page - Texas Instruments DLPA2005 Datasheet HTML 60Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
www.ti.com
PACKAGE OUTLINE
C
A
13.1
12.9
B
13.1
12.9
1 MAX
TYP
0.31
0.21
11.2
TYP
11.2 TYP
0.8 TYP
0.8 TYP
201X 0.4
0.3
(0.9) TYP
(0.9) TYP
NFBGA - 1 mm max height
ZEZ0201A
PLASTIC BALL GRID ARRAY
4221521/A 03/2015
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1 CORNER
SEATING PLANE
BALL TYP
0.1 C
0.15
C A
B
0.08
C
SYMM
SYMM
BALL A1 CORNER
R
C
D
E
F
G
H
J
K
L
M
N
P
1 2
3 4 5 6 7 8 9 10 11
A
B
12 13 14 15
SCALE 1.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com