Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 32 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 28Page - Analog Devices LTC3889 Datasheet HTML 29Page - Analog Devices LTC3889 Datasheet HTML 30Page - Analog Devices LTC3889 Datasheet HTML 31Page - Analog Devices LTC3889 Datasheet HTML 32Page - Analog Devices LTC3889 Datasheet HTML 33Page - Analog Devices LTC3889 Datasheet HTML 34Page - Analog Devices LTC3889 Datasheet HTML 35Page - Analog Devices LTC3889 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
32
Rev. B
For more information www.analog.com
OPERATION
External Faults
There are no hardware-level responses to any external
faults propagated into the IC through the FAULT pins.
HIGHER-LEVEL FAULT HANDLING
Higher-level input and output fault event handling
(response) can be programmed as described in the fol-
lowing PMBus Command Details section. Once a fault is
detected, several tens of microseconds may be required
for these higher level responses to occur, including related
assertion of a FAULT output. Time filtering programmed
in any specific fault response will be in addition to these
normal processing delays. For many faults, the LTC3888
can manage response in one of three ways: ignore, auton-
omous recovery (hiccup), or latch off. The device takes no
additional action beyond previously discussed hardware-
level responses when programmed to ignore a fault.
For autonomous recovery a new soft-start is attempted if
the fault condition is not present after the MFR_RETRY_
DELAY interval has elapsed. MFR_RETRY_DELAY can
be set from 120ms to 83 seconds in 1ms increments.
If the fault persists, the controller will continue to retry
with an interval specified by MFR_RETRY_DELAY. This
avoids damage to external regulator components caused
by repetitive, rapid power cycling.
No retry is attempted for a latch off fault response. In the
latch off state the applicable external power stages are
immediately disabled to stop the transfer of energy to
the load as quickly as possible. The output remains dis-
abled until the master channel is commanded off and then
on, or IC supply power is cycled. Commanding a PWM
channel off and on may require software and/or hardware
intervention depending on its programmed configuration.
The RUN pin must be released by any controlling exter-
nal application circuits for that channel to restart from
the latch off state. As the RUN pin for a given rail rises,
associated internal fault indications are cleared automati-
cally. The LTC3888 can also be programmed to clear faults
for both master channels based solely on the run state of
just one channel. See the MFR_CONFIG_ALL command.
CLEAR_FAULTS can also be used to clear all fault bits at
any time, independent of PWM channel state.
Higher-level handling of some internally generated faults
can be digitally deglitched. External faults propagated into
the chip using FAULT pins are not deglitched. Refer to the
following section on FAULT Pin I/O.
STATUS REGISTERS AND ALERT MASKING
Figure 2 summarizes the internal LTC3888 status reg-
isters accessible by PMBus command. These contain
indication of various faults, warnings and other impor-
tant operating conditions. As shown, STATUS_BYTE and
STATUS_WORD also summarize contents of other status
registers. Refer to PMBus Command Details for specific
information.
NONE OF THE ABOVE in STATUS_BYTE indicates that
one or more of the bits in the most-significant nibble of
STATUS_WORD are also set.
Figure 2 also shows which of the status bits will assert
ALERT if set and not masked. Once set, ALERT will remain
low until one of the following occurs.
• A CLEAR_FAULTS, RESTORE_USER_ALL or MFR_
RESET Command Is Issued
• The Related Status Bit Is Written to a One
• The Faulted Channel Is Properly Commanded Off and
Back On
• The LTC3888 Successfully Transmits Its Address
During a PMBus Alert Response Address (ARA)
• IC Supply Power Is Cycled
With some exceptions, the SMBALERT_MASK command
can be used to prevent the LTC3888 from asserting ALERT
on a bit-by-bit basis by register. These mask settings are
promoted to STATUS_WORD and STATUS_BYTE in the
same fashion as the status bits themselves. For example,
if ALERT is masked for all bits in Channel 0 STATUS_
VOUT, then ALERT is effectively masked for the VOUT bit
in STATUS_WORD for PAGE 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com