Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 8Page - Analog Devices LTC3889 Datasheet HTML 9Page - Analog Devices LTC3889 Datasheet HTML 10Page - Analog Devices LTC3889 Datasheet HTML 11Page - Analog Devices LTC3889 Datasheet HTML 12Page - Analog Devices LTC3889 Datasheet HTML 13Page - Analog Devices LTC3889 Datasheet HTML 14Page - Analog Devices LTC3889 Datasheet HTML 15Page - Analog Devices LTC3889 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
12
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
(8-Phase Using LTC7051)
Efficiency vs Load Current
(1-Phase Using TDA21470)
Efficiency and Power Loss vs
Input Voltage
(4-Phase Using TDA21470)
Regulated Output vs Temperature
Typical Output Voltage
Distribution at 25°C Without Servo
Typical Output Voltage Distrubtion
at 25°C with Servo
4-Phase Load Step Response
(Using TDA21470)
Emulated 4-Phase Load Step
Response (Using TDA21470)
4-Phase Single Cycle Response
(Using TDA21470 with COUT = 4mF)
VIN = 12V
AT 500kHz
0.6V
0.8V
1.0V
1.8V
LOAD CURRENT (A)
0
80
160
240
320
400
70
75
80
85
90
95
100
388812 G01
VOUT = 1.0V
LOAD = 80A
AT 500kHz
EFFICIENCY
POWER LOSS
VIN (V)
6
8
10
12
14
16
88
91
94
97
100
6
7
8
9
10
388812 G03
VOUT_COMMAND = 1.0V
VOUT_SCALE_LOOP = 3.5
SERVO MODE DISABLED
TEMPERATURE (°C)
–40 –20
0
20
40
60
80 100 120
0.9950
0.9975
1.0000
1.0025
1.0050
388812 G04
1047 UNITS
VOUT_COMMAND = 1.0V
SERVO MODE DISABLED
VOUT ERROR (mV)
–10 –8 –6 –4 –2 0
2
4
6
8 10
0
500
1000
1500
2000
2500
388812 G05
1047 UNITS
VOUT_COMMAND = 1.0V
SERVO MODE ENGAGED
VOUT ERROR (mV)
–2 –1.6 –1.2 –0.8 –0.4 0.0 0.4 0.8 1.2 1.6 2
0
500
1000
1500
2000
2500
388812 G06
50 s/DIV
VOUT
50mV/DIV
ITH
200mV/DIV
I(LO)
10AV/DIV
IOUT
40A/DIV
388812 G07
VIN = 12V
VOUT = 1.0V
10A TO 50A STEP
50 s/DIV
388812 G08
VOUT
50mV/DIV
ITH
200mV/DIV
I(LO)
10A/DIV
IOUT
40A/DIV
VIN = 12V
VOUT = 1.0V
MFR_LOAD_EMULATION = 10A/PHASE
2 s/DIV
VOUT
20mV/DIV
PWMO
2V/DIV
IOUT
40A/DIV
388812 G09
VIN = 12V
VOUT = 1.0V
SYNC = 500kHz
L = 215nH
VIN = 12V
AT 500kHz
1.8V
2.5V
LOAD CURRENT (A)
0
10
20
30
40
50
70
75
80
85
90
95
100
388812 G02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com