Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 19Page - Analog Devices LTC3889 Datasheet HTML 20Page - Analog Devices LTC3889 Datasheet HTML 21Page - Analog Devices LTC3889 Datasheet HTML 22Page - Analog Devices LTC3889 Datasheet HTML 23Page - Analog Devices LTC3889 Datasheet HTML 24Page - Analog Devices LTC3889 Datasheet HTML 25Page - Analog Devices LTC3889 Datasheet HTML 26Page - Analog Devices LTC3889 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
23
Rev. B
For more information www.analog.com
VIN
LTC3888/LTC3888-2
388812 F01
PWM0
POWER STAGE
ISENSE0
IREF
GATE
DRIVER
+
–
VSENSE0+
VSENSE0–
+
–
1.6V
DAOUT0
CZERO0
(LTC3888-2)
(LTC3888-2)
SPI
(LTC3888)
CA
1x
EA
UV
UV0
12-BIT
9-BIT
(2 MODES
ON LTC3888)
ILIM
7-BIT
OV
ICMP
9-BIT
(2 MODES
ON LTC3888)
gM
–
SLOPE
COMPENSATION
2.5R
R
CLAMP
Q
S
R
OV0
OC0
PWM
LOGIC
OSCILLATOR
TO FAULT
CONTROL
LOGIC
EA
DISABLE
CLOCK
ITH0
RITH0
ITHR0
L1
COUT
VOUT
5
4
33
7
11
12
6
9
10
FB
VR
LOOP COMPENSATION
NETWORK
OPERATION
Figure 1b. LTC3888 Master Channel Control Loop Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com