Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 13Page - Analog Devices LTC3889 Datasheet HTML 14Page - Analog Devices LTC3889 Datasheet HTML 15Page - Analog Devices LTC3889 Datasheet HTML 16Page - Analog Devices LTC3889 Datasheet HTML 17Page - Analog Devices LTC3889 Datasheet HTML 18Page - Analog Devices LTC3889 Datasheet HTML 19Page - Analog Devices LTC3889 Datasheet HTML 20Page - Analog Devices LTC3889 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
17
Rev. B
For more information www.analog.com
BLOCK DIAGRAM
16-BIT
ADC
ANALOG
MUX
388812 BD
INTERNAL
TEMPERATURE
BIAS AND
HOUSEKEEPING
3.3V
REGULATOR
5.2V
REGULATOR
2.5V
REGULATOR
MCU AND
CUSTOM
LOGIC
ISENSE2-7
IREF
VIN
VDD33
INTVCC
CLKOUT
SERR
R_CONFIG
SPI
(LTC3888 ONLY)
SHARE_CLK
RUN0/1
PMBus
RAM
ROM
EEPROM
VREF
MASTER/SLAVE
CONFIGURATION
PWM2-7
VIN
VSENSE0±
VSENSE1±
VSENSE0±
VSENSE1±
ISENSE0-7
IREF
ISENSE0/1
ITH0/1
ITRH0/1
VDR_MON
(optional)
12-BIT DAC
PER MASTER
PWM0/1
PGOOD0/1
FAULT0/1
SYNC
INTERNAL DATA BUS
SLAVES
PWM2
PWM3
PWM4
PWM5
PWM6
PWM7
MASTERS
PWM0
PWM1
PLL
VOLTAGE
REFERENCE
GAIN
TSNS1
TSNS0
(optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com