Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 97 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 97 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 93Page - Analog Devices LTC3889 Datasheet HTML 94Page - Analog Devices LTC3889 Datasheet HTML 95Page - Analog Devices LTC3889 Datasheet HTML 96Page - Analog Devices LTC3889 Datasheet HTML 97Page - Analog Devices LTC3889 Datasheet HTML 98Page - Analog Devices LTC3889 Datasheet HTML 99Page - Analog Devices LTC3889 Datasheet HTML 100Page - Analog Devices LTC3889 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
97
Rev. B
For more information www.analog.com
STATUS_BYTE
The STATUS_BYTE command returns a one-byte summary of the most critical faults.
STATUS_BYTE Message Contents:
BIT
STATUS BIT NAME
MEANING
7*
BUSY
A fault was declared because the device was unable to respond.
6
OFF
This bit is set if the channel is not providing power to its output, regardless of the reason, including simply not
being enabled.
5
VOUT_OV
An output overvoltage or power stage fault has occurred. Also set if open VSENSE+ is detected.
4
IOUT_OC
An output overcurrent fault has occurred.
3
VIN_UV
Not supported (device returns 0).
2
TEMPERATURE
A temperature fault or warning has occurred.
1
CML
A communications, memory or logic fault has occurred.
0
NONE OF THE ABOVE A fault Not listed in bits[7:1] has occurred.
*ALERT can be asserted if this bit is set. It may be cleared by writing a 1 to that bit position in the STATUS_BYTE, in lieu of a CLEAR_FAULTS command.
This command has one data byte.
STATUS REPORTING
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
STATUS_BYTE
0x78 One-byte channel status summary.
R/W Byte
Y
Reg
STATUS_WORD
0x79 Two-byte channel status summary.
R/W Word
Y
Reg
STATUS_VOUT
0x7A VOUT fault and warning status.
R/W Byte
Y
Reg
STATUS_IOUT
0x7B IOUT fault and warning status.
R/W Byte
Y
Reg
STATUS_INPUT
0x7C Input supply fault and warning status.
R/W Byte
N
Reg
STATUS_TEMPERATURE
0x7D External temperature fault and warning
status.
R/W Byte
Y
Reg
STATUS_CML
0x7E Communication, memory and logic fault and
warning status.
R/W Byte
N
Reg
STATUS_MFR_SPECIFIC
0x80 IC-specific status.
R/W Byte
Y
Reg
MFR_PADS_LTC3888-1
0xE5 State of selected LTC3888-1 pads.
R Word
N
Reg
MFR_COMMON
0xEF ADI-generic device status reporting.
R Byte
N
Reg
MFR_INFO
0xB6 Manufacturer-specific information
R Word
N
Reg
CLEAR_FAULTS
0x03 Clear all set fault bits.
Send Byte
N
Refer to Figure 2 for a graphical depiction of these register contents and their relationships. Refer to Power Stage Selection and Interface in the
Applications Information section for details of special status reporting related to external power stages that is supported by the LTC3888-1.
PMBus COMMAND DETAILS (Status Reporting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com