Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 91 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 91 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 87Page - Analog Devices LTC3889 Datasheet HTML 88Page - Analog Devices LTC3889 Datasheet HTML 89Page - Analog Devices LTC3889 Datasheet HTML 90Page - Analog Devices LTC3889 Datasheet HTML 91Page - Analog Devices LTC3889 Datasheet HTML 92Page - Analog Devices LTC3889 Datasheet HTML 93Page - Analog Devices LTC3889 Datasheet HTML 94Page - Analog Devices LTC3889 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
91
Rev. B
For more information www.analog.com
PMBus COMMAND DETAILS (Output Voltage and Limits)
VOUT_OV_WARN_LIMIT
The VOUT_OV_WARN_LIMIT command sets the value, in volts, of the VSENSE± differential voltage measured by the
ADC that causes an output overvoltage warning. If the VOUT_OV_WARN_LIMIT is exceeded, the device:
• Sets the VOUT Bit in the STATUS_WORD
• Sets the VOUT Overvoltage Warning Bit in the STATUS_VOUT Command
• Notifies the Host by Asserting ALERT, Unless Masked
This command has two data bytes in Linear_16u format.
VOUT_UV_WARN_LIMIT
The VOUT_UV_WARN_LIMIT command sets the value, in volts, of the VSENSE± differnetial voltage measured by the
ADC that causes an output undervoltage warning. If the VOUT_UV_WARN_LIMIT is exceeded, the device:
• Sets the VOUT Bit in the STATUS_WORD
• Sets the VOUT Undervoltage Warning Bit in the STATUS_VOUT Command
• Notifies the Host by Asserting ALERT, Unless Masked
This command has two data bytes in Linear_16u format.
VOUT_UV_FAULT_LIMIT
VOUT_UV_FAULT_LIMIT is the value in voltage the under voltage comparator triggers the LTC3888/3888-2 and the
LTC3888-1 if VOUT_SCALE_LOOP is defined. Otherwise it the under voltage trigger for VFB.
This command has two data bytes in Linear_16u format.
MFR_SPI_DATA (LTC3888)
The MFR_SPI_DATA command returns the existing VOUT offset code programmed by the Serial Peripheral Interface
for each master channel. Refer to the Serial Peripheral Interface in the Operation section for complete details.
This read-only command has one data byte in Linear_16u format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com