Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 7Page - Analog Devices LTC3889 Datasheet HTML 8Page - Analog Devices LTC3889 Datasheet HTML 9Page - Analog Devices LTC3889 Datasheet HTML 10Page - Analog Devices LTC3889 Datasheet HTML 11Page - Analog Devices LTC3889 Datasheet HTML 12Page - Analog Devices LTC3889 Datasheet HTML 13Page - Analog Devices LTC3889 Datasheet HTML 14Page - Analog Devices LTC3889 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
11
Rev. B
For more information www.analog.com
Note 1: Absolute Maximum Ratings are given relative to GND, unless
otherwise specified. Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the device. Exposure
to any Absolute Maximum Rating condition for extended periods may
affect device reliability and lifetime.
Note 2: The LTC3888/3888-1/3888-2 is specified over the –40°C to 125°C
operating junction temperature range. High Junction temperatures degrade
operating lifetimes; operating lifetime is derated for junction temperatures
greater than 125°C. Note the maximum ambient temperature consistent
with these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance and
other environmental factors.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device.
Note 4: Do not apply a voltage source to INTVCC unless shorted
to VIN. Otherwise, connect only external passive components for
LTC3888/3888-1/3888-2 configuration. See Electrical Characteristics for
applicable limits beyond which permanent damage may occur.
Note 5: An external voltage source may be connected directly to VDD33
only if the device is not powered from VIN or INTVCC. Otherwise,
connect only external passive components for LTC3888/3888-1/3888-2
configuration. See Electrical Characteristics for applicable limits beyond
which permanent damage may occur.
Note 6: Do not apply a voltage source directly to these pins. See Electrical
Characteristics for applicable limits beyond which permanent damage may
occur.
Note 7: Do not apply a voltage or current source directly to these pins.
Connect only external passive components for LTC3888/3888-1/3888-2
configuration and application, otherwise permanent damage may occur.
Note 8: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to GND unless otherwise
specified.
Note 9: Specified accuracy requires Servo Mode to be set with MFR_
PWM_MODE_LTC3888 command bit 6. VOUT_COMMAND must be within
±5.5% of unadjusted VOUT.
Note 10: LTC3888/3888-1/3888-2 output voltage control is trimmed
and measured in a feedback loop that servos ITH to a specified value. In
the LTC3888-1 output accuracy may be better than that of other loop-
regulated voltages (DAOUT, VFB). Output accuracy without Servo Mode
may degrade when external gain deviates from 3.5 in the application.
Note 11: ADC tested with PWMs disabled. Comparable capability
demonstrated by in-circuit evaluations. Total unadjusted error includes all
gain and linearity errors, as well as offsets.
Note 12: Internal 32-bit calculations using 16-bit ADC results are limited to
10-bit mantissa resolution by PMBus linear 11-bit data format.
Note 13: Limits guaranteed by TSNS voltage and current measurements
during test, including ADC read backs.
Note 14: Data conversion is done in round robin fashion. If all inputs
signals are scanned, continuous in-sequence conversions result in a
typical latency of 90ms.
Note 15: The EEPROM endurance, retention and mass write times are
guaranteed by design, characterization and correlation with statistical
process controls. Minimum retention applies only for devices cycled less
than the minimum endurance specification. EEPROM read commands
(e.g. RESTORE_USER_ALL) are valid over the entire specified operating
junction temperature range.
Note 16: Guaranteed by design.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com