Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 34 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 30Page - Analog Devices LTC3889 Datasheet HTML 31Page - Analog Devices LTC3889 Datasheet HTML 32Page - Analog Devices LTC3889 Datasheet HTML 33Page - Analog Devices LTC3889 Datasheet HTML 34Page - Analog Devices LTC3889 Datasheet HTML 35Page - Analog Devices LTC3889 Datasheet HTML 36Page - Analog Devices LTC3889 Datasheet HTML 37Page - Analog Devices LTC3889 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
34
Rev. B
For more information www.analog.com
OPERATION
The BUSY bit in STATUS_BYTE also asserts ALERT and
cannot be masked. This bit can be set as a result of inter-
action between internal operations and PMBus communi-
cation. This fault occurs when a command is received that
cannot be safely executed with one or both master chan-
nels enabled. As discussed in Application Information,
BUSY faults can be avoided by polling MFR_COMMON
before executing some commands.
Status information contained in MFR_COMMON and
MFR_PADS_LTC3888 can be used to clarify the con-
tents of STATUS_BYTE or STATUS_WORD as shown,
but the contents of these registers do not affect the state
of the ALERT pin and may not directly influence bits in
STATUS_BYTE or STATUS_WORD.
FAULT PIN I/O
The LTC3888 can map various fault indicators to their
respective FAULT pin using the MFR_FAULT_PROPAGATE
command.
Channel-to-channel fault dependencies and communica-
tion can be created by connecting FAULT pins together. In
the event of an internal fault, one or more of the channels
is configured to pull the bussed FAULT pins low. All chan-
nels are then configured to shut down when the bussed
FAULT pins are pulled low (MFR_FAULT_RESPONSE set
to 0xC0). If latch off is the programmed response on the
faulted channel, the FAULT pin remains low until one of
the following occurs:
• A CLEAR_FAULTS, RESTORE_USER_ALL or MFR_
RESET Command Is Issued
• The Related Status Bit Is Written to a One
• The Faulted Channel Is Properly Commanded Off and
Back On
• IC Supply Power Is Cycled
For autonomous group retry, the faulted channel is con-
figured to release the FAULT pin(s) after a retry interval,
assuming the original fault has cleared. All the channels
in the group then begin a soft-start sequence.
As noted above, FAULT pins can also find use as inputs
to detect faults external to the controller that require an
immediate response. External faults propagated into the
chip using FAULT pins are not deglitched.
Refer to MFR_FAULT_PROPAGATE for additional details.
FAULT LOG OPERATION
The LTC3888 supports fault logging to provide telemetry
recording capability. A conceptual diagram of the fault
log is shown in Figure 3. During normal operation the
contents of primary status registers and all ADC readings,
including peak voltage and current results, are stored in
a continuously updated RAM buffer if enabled by bit 7
of MFR_CONFIG_ALL. The operation is similar to a strip
recorder. When a fault occurs that disables either master
channel, recording to internal memory is halted (locked)
and the fault log information is made available from RAM
via the MFR_FAULT_LOG command. Some contents of
the locked RAM fault log are also copied into EEPROM for
nonvolatile storage. See Fault Log Details below.
Figure 3. Fault Log Conceptual Diagram
388812 F03
LOCK RAM
AND TRANSFER
TO EEPROM
AT TIME OF FAULT
TRANSFER FROM
EEPROM AFTER
RESET
ADC READINGS
CONTINUOUSLY
FILL BUFFER
UNTIL FAULT
RAM BYTES
EEPROM BYTES
8
•
•
•
•
•
•
PMBus READ
OF FAULT
LOG
LATEST 6
RECORDS
LATEST 4
RECORDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com