Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 3Page - Analog Devices LTC3889 Datasheet HTML 4Page - Analog Devices LTC3889 Datasheet HTML 5Page - Analog Devices LTC3889 Datasheet HTML 6Page - Analog Devices LTC3889 Datasheet HTML 7Page - Analog Devices LTC3889 Datasheet HTML 8Page - Analog Devices LTC3889 Datasheet HTML 9Page - Analog Devices LTC3889 Datasheet HTML 10Page - Analog Devices LTC3889 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
7
Rev. B
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Supply
VIN
VIN Operating Range
l
4.5
26.5
V
IQ
IC Operating Current
RUN0,1 = 0V
RUN0,1 = 3.3V, CPWMn = 0pF
24
28
mA
mA
INTVCC Linear Regulator Supply
INTVCC
INTVCC Output Voltage
VIN ≥ 6V (Note 4)
5.2
V
EXTVCC
INTVCC Input Voltage Range
VIN = INTVCC (Note 4)
l
4.5
5.5
V
V5UVLO
PWM Undervoltage
Lockout Threshold
VDD33 Rising
Hysteresis
l
300
4.45
V
mV
VDD33 Linear Regulator Supply
VDD33
VDD33 Output Voltage
INTVCC ≥ 4.5V (Note 5)
l
3.15
3.3
3.45
V
V3UVLO
PMBus Undervoltage
Lockout Threshold
VDD33 Rising
Hysteresis
l
275
3.10
V
mV
VDD25 Linear Regulator
VDD25
VDD25 Output Voltage
(Note 7)
2.5
V
PWM Control Loops
VFB (LTC3888-1)
Regulated Feedback Voltage
VOUT_SCALE_LOOP Not Programmed
400
mV
IFB (LTC3888-1)
VFB Input Current
VFB = 0.4V
l
–100
100
nA
VOUT
Accuracy without Servo (Note 10)
Accuracy with Servo
(Notes 9, 10, See Test Circuit)
Servo Resolution
1V ≤ VOUT ≤ 3.45V
0.3V ≤ VOUT ≤ 3.45V
0.3V ≤ VOUT ≤ 3.45V
l
l
–1.5
–0.5
±0.2
12
1.5
0.5
%
%
%
Bits
RVSENSE (LTC3888)
VSENSE Input Resistance
l
19.5
28
kΩ
RVSENSE
(LTC3888-1/3888-2)
l
30
43.3
kΩ
VLINEREG
Line Regulation
6V ≤ VIN ≤ 24V (Note 10)
–0.02
0.02
%/V
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Notes 2, 8). VIN = 12V, VSENSEn+ = 1V, VSENSEn– = GND = 0V,
fSYNC = 500kHz (externally driven) unless otherwise specified.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3888IUHG#PBF
LTC3888IUHG#TRPBF
3888
52-Lead (5mm × 8mm) Plastic QFN
–40°C to 125°C
LTC3888IUHG-1#PBF
LTC3888IUHG-1#TRPBF
38881
52-Lead (5mm × 8mm) Plastic QFN
–40°C to 125°C
LTC3888IUHG-2#PBF
LTC3888IUHG-2#TRPBF
38882
52-Lead (5mm × 8mm) Plastic QFN
–40°C to 125°C
AUTOMOTIVE PRODUCTS**
LTC3888IUHG#WPBF
LTC3888IUHG#WTRPBF
3888
52-Lead (5mm × 8mm) Plastic QFN
–40°C to 125°C
LTC3888IUHG-1#WPBF
LTC3888IUHG-1#WTRPBF
38881
52-Lead (5mm × 8mm) Plastic QFN
–40°C to 125°C
LTC3888IUHG-2#WPBF
LTC3888IUHG-2#WTRPBF
38882
52-Lead (5mm × 8mm) Plastic QFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com