Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 12Page - Analog Devices LTC3889 Datasheet HTML 13Page - Analog Devices LTC3889 Datasheet HTML 14Page - Analog Devices LTC3889 Datasheet HTML 15Page - Analog Devices LTC3889 Datasheet HTML 16Page - Analog Devices LTC3889 Datasheet HTML 17Page - Analog Devices LTC3889 Datasheet HTML 18Page - Analog Devices LTC3889 Datasheet HTML 19Page - Analog Devices LTC3889 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
16
Rev. B
For more information www.analog.com
PIN FUNCTIONS
RUN0/RUN1(Pin20/Pin21):RunControlInputsandOpen-
Drain Outputs. A voltage above 1.5V (LTC3888/3888-2)
and 2V (LTC3888-1) is required on these pins to enable the
respective PWM master channel. The LTC3888/3888-1/
3888-2 may drive these pins low under certain reset/
restart conditions regardless of any PMBus command
settings. A pullup resistor is required in the application.
RSET (Pin 22): Resistor Configuration Set Input. Connect
a 1% 18.7kΩ resistor between this pin and GND to set
the selection values for the configuration resistors for
programming bus address, output current limit and other
PWM settings. Refer to the Applications Information sec-
tion for more details.
ASEL0/ASEL1 (Pin 23, Pin 24): PMBus Serial Address
Select Inputs. Connect optional 1% resistors between
these pins and GND to select the serial bus interface
address. Refer to the Applications Information section
for more detail.
VOUT0_CFG/VOUT1_CFG (LTC3888/3888-2), ILIM0_
CFG/ILIM1_CFG (LTC3888-1) (Pin 25/Pin 26): Output
Voltage (LTC3888/3888-2), Output Current Limit
(LTC3888-1) Configuration Inputs. Connect optional 1%
resistors between these pins and GND to select the output
current limit for each channel. Refer to the Applications
Information section for more detail.
PWM_CFG (Pin 27): PWM Configuration Input. Connect
an optional 1% resistor between this pin and GND to con-
figure PWM switching frequency and master/slave con-
figuration. Refer to the Applications Information section
for more detail.
VDD25 (Pin 28): Internal 2.5V Regulator Output. Bypass
this pin to GND with a low ESR 1μF capacitor. Do not load
this pin with external current.
SDI (LTC3888 Pin 12): Serial Data Input. This pin pro-
vides input data for the Serial Peripheral Interface (SPI).
Ground this pin if not used.
SCK (LTC3888 Pin 13): Serial Clock Input. This pin pro-
vides the input data clock for the SPI. Ground this pin if
not used.
SERR (LTC3888 Pin 34): Open-Drain SPI Status Output.
This pin is pulled low if a SPI transmission error is
detected. Do not wire this pin to a standard (shared) SPI
SDO line. Refer to the Operation section for more detail.
A pull-up resistor is required in the application. This pin
should be left open if not used.
SCS (LTC3888 Pin 35): SPI Chip Select Input. This active-
low input is used to enable the LTC3888 to receive a SPI
data transmission. Wire this pin to VDD33 if not used.
SHARE_CLK (Pin 29): Share Clock Input and Open-
Drain Output. Share clock, nominally 100kHz, is used to
sequence multiple rails in a power system utilizing more
than one ADI PMBus controller. A pull-up resistor to 3.3V
is required in the application. Minimize the capacitance
on this line to ensure the time constant is fast enough for
the application.
VDD33 (Pin 30): Internal 3.3V Regulator Output. Bypass
this pin to GND with a low ESR capacitor (1µF to 2.2µF).
The LTC3888/3888-1/3888-2 may also be powered from
an external 3.3V source attached to this pin for program-
ming purposes only, if the device is otherwise unpow-
ered. Connect only external passive components for
LTC3888/3888-1/3888-2 configuration and application.
INTVCC (Pin 31): 5.2V Regulator Output. Bypass this pin
to GND with a low ESR 4.7μF capacitor. Connect only
external passive components for LTC3888/3888-1/3888-2
configuration and application.
VIN (Pin 32): Main Input Supply. Decouple this pin to GND
with a low ESR capacitor (0.1µF to 2.2µF). In applications
where VIN will always operate below 6V, short this pin and
INTVCC together.
IREF (Pin 33): DrMOS Current Sense Reference. This
voltage output provides reference bias for floating current
monitors from DrMOS devices. Decouple this pin to GND
(exposed pad) at the LTC3888/3888-1/3888-2 and each
power stage with 100nF to 1μF using low ESR capacitors.
GND (Exposed Pad Pin 53): Ground. All small-signal and
compensation components should connect to this pad.
The exposed pad must be soldered to a suitable PCB cop-
per ground plane for proper electrical operation and to
obtain the specified package thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com