Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 63 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 63 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 59Page - Analog Devices LTC3889 Datasheet HTML 60Page - Analog Devices LTC3889 Datasheet HTML 61Page - Analog Devices LTC3889 Datasheet HTML 62Page - Analog Devices LTC3889 Datasheet HTML 63Page - Analog Devices LTC3889 Datasheet HTML 64Page - Analog Devices LTC3889 Datasheet HTML 65Page - Analog Devices LTC3889 Datasheet HTML 66Page - Analog Devices LTC3889 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
63
Rev. B
For more information www.analog.com
Figure 37. LTC3888-1 Time-Based Ratiometric Supply Ramping
388812 F37
100ms/DIV
VOUT2
VOUT3
VOUT4
VOUT1
0.5V/DIV
Conventional coincident and ratiometric tracking can also
be emulated by setting equivalent turn-on/off delays and
appropriate rates as shown in Figure 36 and Figure 37.
In addition, these schemes can easily be mixed and
matched to create any necessary ramping controls, some
of which might prove difficult to implement with con-
ventional analog-only controllers. These programmable
features greatly simplify system development because
rails can be resequenced without a hardware change as
final product requirements evolve. The LTpowerPlay GUI
and LTC3888 onboard EEPROM can be used for this task,
avoiding the need for firmware development to modify
turn on/off relationships between rails. Entire power sys-
tems can easily be scaled up or down, facilitating reuse
of proven hardware macro designs.
VOLTAGE-BASED OUTPUT SEQUENCING
The LTC3888 is capable of voltage-based output sequenc-
ing. For concatenated events between members of the ADI
PSM family, it is possible to control one RUN pin from
a GPIO, FAULT or PGOOD pin of a different controller. A
hardware configuration of the type shown in Figure 38
disables the next downstream controller anytime the
upstream output is below the specific UV threshold. If
GPIO or FAULT is used, the controlling output must be
configured to only propagate VOUT_UV_UF, and that
IC must have its MFR_GPIO/FAULT_RESPONSE set to
ignore (0x00). Use of the unfiltered VOUT UV fault limit is
recommended because there is less delay between cross-
ing the UV threshold and the GPIO/FAULT pin releasing.
When GPIO/FAULT UV propagation is utilized, an output
APPLICATIONS INFORMATION
deglitching filter can ensure the control does not toggle
repeatedly at lower values of output transition due to
noise on VOUT. If unwanted transitions still occur with
only the internal filter found on most ADI PSM deviced
(typically 70μs), place a capacitor to ground on the out-
put pin. The RC time-constant of the filter should be low
enough to assure no appreciable delay is incurred. A value
of 300μs to 500μs will provide some additional filtering
without significant delay of the trigger event.
Figure 38. Cascade Sequencing Configuration Example
Figure 39. Cascade Sequencing Waveforms
LTC3882
GPIO0
GPIO1
RUN 1
RUN 0
START
LTC3888-1
388812 F38
RUN 0
PGOOD0
(PULL-UP RESISTORS
TO 3.3V NOT SHOWN)
PGOOD1
TO NEXT CHANNEL
IN THE SEQUENCE
RUN 1
388812 F39
100ms/DIV
VOUT2
VOUT3
VOUT4
VOUT1
0.5V/DIV
When the system is turned off, rails will shut down in the
same order as they turn on, as shown in Figure 39. If a
different sequence is required, the circuit must be rewired
or delays must be added by programming TON_DELAY or
TOFF_DELAY. A fundamental limitation of this application
When the system is turned off, rails will shut down in the
same order as they turn on, as shown in Figure 39. If a
different sequence is required, the circuit must be rewired
or delays must be added by programming TON_DELAY
or TOFF_DELAY. A fundamental limitation of this applica-
tion is the inability of upstream rails to detect a start-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com