Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 92 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 92 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 88Page - Analog Devices LTC3889 Datasheet HTML 89Page - Analog Devices LTC3889 Datasheet HTML 90Page - Analog Devices LTC3889 Datasheet HTML 91Page - Analog Devices LTC3889 Datasheet HTML 92Page - Analog Devices LTC3889 Datasheet HTML 93Page - Analog Devices LTC3889 Datasheet HTML 94Page - Analog Devices LTC3889 Datasheet HTML 95Page - Analog Devices LTC3889 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
92
Rev. B
For more information www.analog.com
OUTPUT CURRENT AND LIMITS
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
IOUT_CAL_GAIN
0x38 Ratio of ISENSE voltage to sensed current.
R/W Word
Y
L11
mΩ
l
5mΩ
0xCA80
MFR_LOAD_EMULATION
0xF7 Load step emulation control.
R/W Byte
Y
Reg
0x00
IOUT_OC_FAULT_LIMIT
0x46 Per phase output overcurrent fault limit.
R/W Word
Y
L11
A
l
29.75A
0xDBB8
IOUT_OC_WARN_LIMIT
0x4A Per phase output overcurrent warning limit.
R/W Word
Y
L11
A
l
20.0A
0xDA80
Related commands: STATUS_IOUT, SMBALERT_MASK, READ_IOUT, MFR_IOUT_PEAK, MFR_TOTAL_IOUT,
MFR_READ_ALL_IOUT,IOUT_OC_FAULT_RESPONSE
IOUT_CAL_GAIN
The IOUT_CAL_GAIN command is used to set the power stage output current monitor gain at ISENSE in milliohms. If
both master channels are not commanded off by their RUN pin or OPERATION command when IOUT_CAL_GAIN is
sent to either page, the LTC3888-1 will assert a CML fault.
This command has two data bytes in Linear_5s_11s format.
PMBus COMMAND DETAILS (Output Current and Limits)
MFR_LOAD_EMULATION
The MFR_LOAD_EMULATION command is used to control load step emulation for all phases on each master channel.
MFR_LOAD_EMULATION
BIT
MEANING
7
(Reserved)
6
(Reserved)
5
(Reserved)
4
(Reserved)
3
Enable Load Step Emulation (LSE) Event Scope Trigger on PGOOD (negative edge)
2
LSE Mode Control:
0: Non-pulsed: LSE state statically follows data written to bits[1:0}.
1: Pulsed: Writing any non-zero state to bits [1:0] produces an LSE pulse of the specified magnitude with a width of ~ 100µs.
[1:0]
Value
Load Step Emulated at IOUT_CAL_GAIN = 5mΩ
11b
30A/Phase
10b
20A/Phase
01b
10A/Phase
00b
Off
This command has one data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com