Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 20Page - Analog Devices LTC3889 Datasheet HTML 21Page - Analog Devices LTC3889 Datasheet HTML 22Page - Analog Devices LTC3889 Datasheet HTML 23Page - Analog Devices LTC3889 Datasheet HTML 24Page - Analog Devices LTC3889 Datasheet HTML 25Page - Analog Devices LTC3889 Datasheet HTML 26Page - Analog Devices LTC3889 Datasheet HTML 27Page - Analog Devices LTC3889 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
24
Rev. B
For more information www.analog.com
OPERATION
The LTC3888 features an internal RAM built-in self-test
(BIST) that runs during initialization. Should RAM BIST
fail, the following steps are taken.
• Device responds only at device address 0x7C and
global addresses 0x5A and 0x5B
• A persistent Memory Fault Detected is indicated by
STATUS_CML
• Internal EEPROM is not accessed
• RUN pins and SHARE_CLK are driven low continuously
Normal operation can be restored if the RAM BIST sub-
sequently passes, for instance as the result of another
MFR_RESET issued to address 0x7C.
During initialization all PWM outputs are disabled. The
RUN pins and SHARE_CLK are held low and FAULT pins
are high impedance. External configuration resistors are
identified and the contents of the onboard EEPROM are
read into the controller command RAM. The LTC3888 can
determine key operating parameters from external config-
uration resistors according to application Table 10 through
Table 12. See the following Resistor Configuration Pins
section for more detail. The resistor configuration pins
only determine some of the preset values of the controller.
The remaining values, retrieved from internal EEPROM,
are programmed at the factory or with PMBus commands.
If the configuration resistor pins are all open, the LTC3888
will use only EEPROM contents to determine all operating
parameters. If Ignore Resistor Configuration Pins is set
(bit 6 of MFR_CONFIG_ALL), the LTC3888 will use only its
EEPROM contents to determine all operating parameters
except device address. Unless both ASEL pins are com-
pletely open, the LTC3888 will always determine some
portion of its device address from the resistors on these
pins. See Serial Bus Addressing later in this section. It is
recommended both ASEL pins are connected to resistors
to ground to uniquely identify every part address in the
system.
Testing Integrity of Output Voltage Sense
During initialization, the LTC3888 also runs a connectivity
check on the output voltage sense line (VSENSE+) of any
enabled master channel (see bit 4 of MFR_PWM_MODE_
LTC3888). If an open circuit is detected during this test,
the failure is indicated in the PMBus status registers, and
all PWMs on the IC are disabled until the test subsequently
passes after MFR_RESET or device power cycle.
ANALOG OUTPUT VOLTAGE CONTROL (LTC3888-1)
The default factory EEPROM settings allow programming
of output voltage using only the external resistors R1 and
R2 shown in Figure 1. The control loop then produces the
desired output in a classical fashion as VFB is regulated
to 400mV. With other key parameters such as output
current limit programmable using external configuration
resistors, it is possible to create complex PolyPhase rail
solutions without needing to connect the device to any
digital bus. Refer to the Applications Information section
for more details on using analog output voltage control
with default factory EEPROM settings.
PMBUS OUTPUT VOLTAGE CONTROL (LTC3888-1)
Once external programming resistors R1 and R2 (Figure
1) are chosen, it is possible to also use the full range
of digitally programmed output voltage control found
on most ADI PSM controllers. This is accomplished by
specifying the external divider gain with VOUT_SCALE_
LOOP. Again, refer to Applications Information for com-
plete details on controlling output voltage using built-in
LTC3888-1 PMBus commands and features.
SOFT-START
The internal microcontroller typically requires 35ms
to complete initialization once all onboard supplies are
above their UVLO threshold. After MCU initialization, an
internal comparator monitors VIN, which must exceed the
VIN_ON threshold before output power sequencing can
begin. SHARE_CLK is released to run and the RUN pins
are released for external control after the part initializes
and VIN is greater than the VIN_ON threshold. Accurate
readback telemetry can then require an additional 90ms
for initial round-robin A/D conversions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com