Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 2Page - Analog Devices LTC3889 Datasheet HTML 3Page - Analog Devices LTC3889 Datasheet HTML 4Page - Analog Devices LTC3889 Datasheet HTML 5Page - Analog Devices LTC3889 Datasheet HTML 6Page - Analog Devices LTC3889 Datasheet HTML 7Page - Analog Devices LTC3889 Datasheet HTML 8Page - Analog Devices LTC3889 Datasheet HTML 9Page - Analog Devices LTC3889 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
6
Rev. B
For more information www.analog.com
PIN CONFIGURATION
LTC3888-2
51
52
50 49 48 47 46 45 44
18 19 20 21 22
TOP VIEW
53
GND
UHG PACKAGE
52-LEAD (5mm × 8mm) PLASTIC QFN
TJMAX = 125°C, θJA = 36°C/W, θJC = 3.8°C/W
EXPOSED PAD (PIN 53) IS GND, MUST BE SOLDERED TO PCB
23 24 25 26
35
36
37
38
39
40
41
42
9
8
7
6
5
4
3
2
PWM3
PWM2
ISENSE2
ISENSE0
PWM0
VSENSE0–
VSENSE0+
TSNS0/VDR_MON
ITHO
ITHRO
DAOUT0
CZERO0
PGOOD0/CLKOUT
SYNC
SCL
SDA
ALERT
ISENSE1
PWM1
VSENSE1–
VSENSE1+
TSNS1
ITH1
ITHR1
DAOUT1
CZERO1
PGOOD1
IREF
VIN
INTVCC
VDD33
SHARE_CLK
VDD25
PWM_CFG
34
28
29
30
31
32
33
27
43
10
1
16
15
14
13
12
11
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com