Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 16Page - Analog Devices LTC3889 Datasheet HTML 17Page - Analog Devices LTC3889 Datasheet HTML 18Page - Analog Devices LTC3889 Datasheet HTML 19Page - Analog Devices LTC3889 Datasheet HTML 20Page - Analog Devices LTC3889 Datasheet HTML 21Page - Analog Devices LTC3889 Datasheet HTML 22Page - Analog Devices LTC3889 Datasheet HTML 23Page - Analog Devices LTC3889 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
20
Rev. B
For more information www.analog.com
OPERATION
OVERVIEW
The LTC3888/3888-1/3888-2 is a constant frequency
analog current mode controller for DC/DC step-down
switch-mode applications. It provides up to two inde-
pendent voltage loops (masters) and also contains six
additional slave modulators, affording a wide range of
predetermined PolyPhase configurations.
The device is designed to be used with external power
stages that provide an output current monitor, either as a
voltage or current. This includes higher level integrations
such as non-isolated power blocks. The LTC3888/3888-1/
3888-2 provides a direct interface to the shared tempera-
ture and fault indication bus commonly found on such
power stages, as well as an optional DrMOS gate drive
supply voltage supervisor.
The chip operates from a VIN power supply between 4.5V
and 28.5V. Without any other programming the LTC3888-1
output voltage may be set to any value between 0.4V and
3.45V using an external resistor divider and the factory
EEPROM settings. The LTC3888/3888-2 output voltage can
be set either with resistor configuration pins (see Table 10)
or EEPROM.
The LTC3888/3888-1/3888-2 also features a PMBus
compliant digital interface for monitoring and setting of
important power system parameters, including direct out-
put control using the external resistor divider, if desired.
About This Document
PMBus command pages 0 and 1 control the two volt-
age regulation loops associated with PWM0 and PWM1,
respectively. In this document, these may also be referred
to as masters or master channels. There are often unique IC
pins associated with each of these master channels, such as
ITH0 and ITH1. In cases where discussion applies to both or
either of the master channels, these pin names may appear
without index. Statements herein related to the LTC3888
also apply to the LTC3888-1 and LTC3888-2 unless specifi-
cally noted.
PWM2 to PWM7 are not directly controlled by PMBus oper-
ation, but instead are managed by the master channel that
is assigned to control them. In this document, the modula-
tors associated with PWM2 to PWM7 will be referred to as
slaves or slave channels. Occasionally the term PWM or
channel may apply to any of the eight PWM modulators.
Rail will designate a master channel and the group of slaves
it controls to produce a single output voltage, including
multiple master channels with wire-OR ITH control.
The phrase operating memory or simply RAM refers to
volatile onboard RAM holding PMBus commands during
operation.
PMBus commands in this document are given in all
capital letters with no white space, although hyphens or
underscores may be included. For brevity, the indentify-
ing phrase PMBus command is most often omitted when
this typeface appears. All PMBus commands from 0x00
through 0xFF not listed in Table 7 are implicitly not
supported by the LTC3888. Writing to any command
not listed in this table may result in a CML fault and/or
undesired operation of the part.
MAJOR PRODUCT FEATURES
• Analog and/or Digitally Programmable Output Voltage
with UV/OV Supervisors
• Digitally Programmable Output Current Limit
• Digitally Programmable Input Voltage Supervisor
• Digitally Programmable Switching Frequency
• Digitally Programmable On and Off Delay Times
• Digitally Programmable Soft-Start/Stop
• Digitally Programmable Load Step Emulation
• Operating Condition Telemetry
• Phase-LockedLoopforSynchronousPolyPhaseOperation
• Non-Volatile Configuration Memory
• Optional External Configuration Resistors for Key
Operating Parameters
• Optional Time-Base Interconnect for Synchronization
Between Multiple Controllers
• Fault Event Data Logging
• Capable of Standalone Operation via EEPROM
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com