Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 84 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 84 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 80Page - Analog Devices LTC3889 Datasheet HTML 81Page - Analog Devices LTC3889 Datasheet HTML 82Page - Analog Devices LTC3889 Datasheet HTML 83Page - Analog Devices LTC3889 Datasheet HTML 84Page - Analog Devices LTC3889 Datasheet HTML 85Page - Analog Devices LTC3889 Datasheet HTML 86Page - Analog Devices LTC3889 Datasheet HTML 87Page - Analog Devices LTC3889 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
84
Rev. B
For more information www.analog.com
PMBus COMMAND DETAILS (PWM Configuration)
Bit Definitions
BIT
MEANING
7
(Reserved, must write as 0)
6
Slave IOUT Telemetry:
0: The LTC3888-1 provides continuous IOUT telemetry for all enabled phases.
1: The LTC3888-1 only provides IOUT telemetry for master channels PWM0 and PWM1.
5
SPI Logic Level (LTC3888 Only):
0: The LTC3888 SPI Interface uses SMBus 2.0V Input Logic Levels.
1: The LTC3888 SPI Interface uses 1.8V CMOS Input Logic Levels.
4
VOUT_OV_FAULT HW Response:
0: No special low level response, master phase obeys VOUT_OV_FAULT_RESPONSE of immediate off (PWM Hi-Z).
1: PWM of master phase driven low during VOUT_OV_FAULT, synchronous bottom power FET attempts to discharge VOUT with rail off.
3
Phase Expansion:
0: The power-good state for Channel 0 is output on PGOOD0.
1: A phase expansion clock (CLKOUT) is output on PGOOD0 to drive SYNC on a second LTC3888-1.
[2:0]
Value
Master/Slave Configuration
Master
Configuration / Slave
Phase (*)
111
PWM0
7-Phase
0
PWM0
PWM2
51.4
PWM0
PWM3
154.3
PWM0
PWM4
205.7
PWM0
PWM5
102.9
PWM0
PWM6
257.1
PWM0
PWM7
308.6
PWM1
1-Phase
25.7
110
PWM0
(6-Phase)
0
PWM0
PWM2
60
PWM0
PWM3
180
PWM0
PWM4
240
PWM0
PWM5
120
PWM0
PWM6
300
PWM1
(2-Phase)
30
PWM1
PWM7
210
101
PWM0
(6-Phase)
0
PWM0
PWM2
60
PWM0
PWM3
180
PWM0
PWM4
240
PWM0
PWM5
120
PWM0
PWM6
300
PWM1
(1-Phase)
30
PWM7
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com