Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 69 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 69 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 65Page - Analog Devices LTC3889 Datasheet HTML 66Page - Analog Devices LTC3889 Datasheet HTML 67Page - Analog Devices LTC3889 Datasheet HTML 68Page - Analog Devices LTC3889 Datasheet HTML 69Page - Analog Devices LTC3889 Datasheet HTML 70Page - Analog Devices LTC3889 Datasheet HTML 71Page - Analog Devices LTC3889 Datasheet HTML 72Page - Analog Devices LTC3889 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
69
Rev. B
For more information www.analog.com
INTERNAL REGULATOR OUTPUTS
The INTVCC pin provides supply current for much of the
internal LTC3888 analog circuitry at a nominal value of
5.2V. The LTC3888 features an internal linear regulator
that can be used to supply 5.2V to INTVCC from the pri-
mary VIN supply. At lower supply voltages, the LTC3888
will also accept an external 5V supply attached to this pin
if VIN and INTVCC are shorted. If the internal 5.2V LDO
is used, INTVCC must be bypassed to GND with a low
ESR X5R or X7R ceramic capacitor with a value between
1µF and 4.7μF. If an external 5V source supplies VIN and
INTVCC, a local low ESR bypass capacitor with a value
between 0.01μF and 0.1μF should be placed directly
between the shorted power pins and GND.
INTVCC powers secondary internal 3.3V and 2.5V LDOs
whose outputs are present on VDD33 and VDD25, respec-
tively. The 3.3V supply provides power for internal aux-
illary circuits, and the 2.5V supply provides power for
much of the internal processor logic on the LTC3888.
Both of these LDO outputs should be bypassed directly to
GND with a low ESR X5R or X7R ceramic capacitor with
a value of 1μF or greater.
Do not draw any external system current from these LDO
supplies beyond that required for specific LTC3888 con-
figuration or load/pull-up resistors.
IC JUNCTION TEMPERATURE
The user must ensure that the maximum rated junction
temperature is not exceeded under all operating condi-
tions. The thermal resistance of the LTC3888 package
(θJA) is 36°C/W, provided the exposed pad is in good
thermal contact with the PCB. The actual thermal resis-
tance in the application will depend on forced air cooling
and other heat sinking means, especially the amount of
copper on the PCB to which the LTC3888 is attached. The
following formula may be used to estimate the maximum
average power dissipation PD (in watts) of the LTC3888.
PD = VIN(.03 + IEXT + IRC25)
APPLICATIONS INFORMATION
Table 12. Resistor Programming of MFR_ADDRESS
RCONFIG (kΩ)
ASEL1
ASEL0
DEVICE ADDRESS BITS[6:4]
DEVICE ADDRESS BITS[3:0]
BINARY
HEX
BINARY
HEX
OPEN
from EEPROM
from EEPROM
11.8
1111
F
10.2
1110
E
9.31
1101
D
8.66
1100
C
7.87
1011
B
7.15
1010
A
6.49
1001
9
5.9
1000
8
5.11
0111
7
0111
7
4.42
0110
6
0110
6
3.74
0101
5
0101
5
3.09
0100
4
0100
4
2.43
0011
3
0011
3
1.74
0010
2
0010
2
1.02
0001
1
0001
1
GND
0000
0
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com