Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 67 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 67 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 63Page - Analog Devices LTC3889 Datasheet HTML 64Page - Analog Devices LTC3889 Datasheet HTML 65Page - Analog Devices LTC3889 Datasheet HTML 66Page - Analog Devices LTC3889 Datasheet HTML 67Page - Analog Devices LTC3889 Datasheet HTML 68Page - Analog Devices LTC3889 Datasheet HTML 69Page - Analog Devices LTC3889 Datasheet HTML 70Page - Analog Devices LTC3889 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
67
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
RESISTOR CONFIGURATION PINS
As a factory default, the LTC3888 is programmed to use
external resistor configuration, allowing output voltage
(LTC3888/3888-2), output current limit (LTC3888-1),
PWM frequency and phasing, and the PMBus address to
be set without programming the part through its serial
interface or purchasing devices with custom EEPROM
contents. An 18.7kΩ resistor with a tolerance of 1% or
better must be wired between the RSET pin and GND.
This component establishes the correct bias level for the
Figure 43. Normalized RMS Input Ripple Current
0
0.1
0.2
0.3
0.4
388812 F43
0.5
0.6
DUTY FACTOR (VOUT/VIN)
0.1
0.3
0.5 0.6
0.2
0.4
0.7 0.8 0.9
1-PHASE
2-PHASE
DUTY FACTOR (VOUT/VIN)
0.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.3
0.5 0.6
388812 F44
0.2
0.4
0.7 0.8 0.9
1-PHASE
2-PHASE
Figure 44. Normalized Output Ripple Current
remaining RCONFIG pins, which are programmed with a
resistor to GND. The RCONFIG pins are only interrogated
at initial power up and during a reset, so modifying their
values on the fly is not recommended. RCONFIG pins on
the same IC can share a single resistor if they require
identical programming. Resistors with a tolerance of 1%
or better must be used to assure proper operation. Noisy
clock signals should not be routed near these pins.
Output voltage (LTC3888/3888-2), or output current limit
(LTC3888-1) can be set as shown in Table 10. For exam-
ple, setting this resistor to 4.42kΩ is equivalent to pro-
gramming a IOUT_OC_WARN_LIMIT value of 32A with
IOUT_OC_FAULT_LIMIT set to 40A for the (LTC3888-1).
Any of the single-IC master/slave configurations that the
LTC3888 supports can be programmed with PWM_CFG
using one of two frequencies as shown in Table 11. Phase
expansion is not supported when using an external resis-
tor to set master/slave configuration.
The LTC3888 address is selected based on the program-
ming of the two configuration pins ASEL0 and ASEL1
according to Table 12. ASEL0 programs the bottom four
bits of the device address for the LTC3888, and ASEL1
programs the three most-significant bits. Either portion
of the address can also be retrieved from the MFR_
ADDRESS value in EEPROM. If both pins are left open, the
full 7-bit MFR_ADDRESS value stored in EEPROM is used
to determine the device address. It is recommended that
each LTC3888 in a system have a unique address, and
the ASEL pins provide an efficient way to accomplish this
without a plethora of custom EEPPOM programming. The
LTC3888 also responds to 7-bit global addresses 0x5A
and 0x5B. MFR_ADDRESS and MFR_RAIL_ADDRESS
should not be set to either of these values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com