Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3889 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC3889
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3889 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC3889 Datasheet HTML 35Page - Analog Devices LTC3889 Datasheet HTML 36Page - Analog Devices LTC3889 Datasheet HTML 37Page - Analog Devices LTC3889 Datasheet HTML 38Page - Analog Devices LTC3889 Datasheet HTML 39Page - Analog Devices LTC3889 Datasheet HTML 40Page - Analog Devices LTC3889 Datasheet HTML 41Page - Analog Devices LTC3889 Datasheet HTML 42Page - Analog Devices LTC3889 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
LTC3888/LTC3888-1/
LTC3888-2
39
Rev. B
For more information www.analog.com
OPERATION
PMBUS SERIAL INTERFACE
The LTC3888 has a PMBus compliant serial interface that
can operate at any frequency between 10kHz and 400kHz.
The LTC3888 is a bus slave device that communicates
bidirectionally with a host (master) using standard PMBus
protocols. The PMBus Timing Diagram found earlier in
this document, along with related Electrical Characteristics
table entries, define the timing relationships of the SDA
and SCL bus signals. SDA and SCL must be high when
the bus is not in use. External pull-up resistors or current
sources are required on these lines.
PMBus, an incremental extension of the SMBus standard,
offers more robust operation than a 2-wire I2C interface.
In addition to adding a protocol layer to improve interop-
erability and facilitate reuse, PMBus supports bus time-
out recovery for system reliability, optional packet error
checking (PEC) to ensure data integrity, and peripheral
hardware alerts for system fault management. In general,
a programmable device capable of functioning as an I2C
bus master can be configured for PMBus management
with little or no change to hardware. However, not all
I2C controllers support repeat start (restart) required for
PMBus reads.
For a description of the minor extensions and exceptions
PMBus makes to the SMBus standard, refer to PMBus
Specification Part I Revision 1.2 Paragraph 5 on Transport.
For a description of the differences between SMBus
and I2C, refer to System Management Bus (SMBus)
Specification Version 2.0 Appendix B on Differences
Between SMBus and I2C.
The user is encouraged to reference Part I of the latest
PMBus Power System Management Protocol Specification
to understand how to interface the LTC3888 to a PMBus
system. This specification can be found at http://www.
pmbus.org/specs.html.
The LTC3888 uses the following standard serial interface
protocols defined in the SMBus and PMBus specifications:
• Quick Command
• Send Byte
• Write Byte
• Write Word
• Read Byte
• Read Word
• Block Read
• Block Write – Block Read Process Call
• Alert Response Address
The LTC3888 does not require PEC for Quick Command
under any circumstances. The LTC3888 also supports
group command protocol (GCP) as required by PMBus
specification Part I, section 5.2.3. GCP is used to send
commands to more than one PMBus device in one contin-
uous transmission. It should not be used with commands
that require the receiving device to respond with data,
such as a STATUS_BYTE command. Refer to Part I of the
PMBus specification for additional details on using GCP.
All LTC3888 message transmission types allow for packet
error checking. The later section on Serial Communication
Errors provides more detail on packet error checking.
Figure 5 to Figure 21 illustrate these protocols. Figure 4
provides a key to the protocol diagrams. Not all proto-
col elements will be present in every data packet. For
instance, not all packets are required to include the packet
error code. A number shown above a field in these dia-
grams indicates the number of bits in that field. All data
transfers are initiated by the present bus master regard-
less of how many times data direction flow may change
during the subsequent transmission. The LTC3888 never
functions as a bus master.
This device includes handshaking features to ensure
robust system communication. Please refer to the PMBus
Communication and Command Processing section in
Applications Information for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com