Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 10Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 11Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 12Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 13Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 14Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 15Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 16Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 17Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
14 / 132
Access Right
Command
ReadWrite
ReadData (if not targeting the TransactionMAC file)
ISOReadBinary (if not targeting the TransactionMAC file)
ReadRecords
WriteData
ISOUpdateBinary
WriteRecord
UpdateRecord
ClearRecordFile
CommitReaderID
GetValue
Debit
Credit
LimitedCredit
Change
ChangeFileSettings
A command listed in Table 9 is accepted if at least one access condition associated with
an access right granting access to it is satisfied. If authenticated and the only access
conditions satisfied are the free access Eh ones, then the CommMode.Plain is to be
applied.
8.2.3.6 TransactionMAC file access rights
The access rights management of a TransactionMAC file differs from the general access
right management outlined in Section 8.2.3.5 for other file types. They are described in
Table 10.
Note that Write is RFU and should to be set to Fh.
Table 10.  TransactionMAC access rights
Access right
Bit index
Value
Read
15-12
15-12 condition as in Table 6
Write
11-8
RFU (i.e. Fh)
Write access is never granted to a
TransactionMAC file
AppCommitReaderIDKey
Note that this access right has a specific meaning in
the context of a TransactionMAC file as if defines the
availability and configuration for the CommitReaderID
command
0h..4h
CommitReaderID enabled, requiring
authentication with the specified
application key index
Eh
CommitReaderID enabled with free
access
ReadWrite
7-4
Fh
CommitReaderID disabled
Change
3-0
condition as in Table 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com