Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 66Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 67Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 68Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 69Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 70Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 71Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 72Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 73Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
70 / 132
11.5.3 GetCardUID
GetCardUID command is required to get the 7-byte UID from the card. In case "Random
ID" at activation is configured, encrypted secure messaging is applied for this command
and response. An authentication with any key needs to be performed prior to the
command GetCardUID. This command returns the UID and gives the opportunity to
retrieve the UID, even if the Random ID is used.
aaa-032202
PICC to PCD
PCD to PICC
CLA
90
CMD
51
P1
00
P2
00
Lc
-
1
1
1
1
1
Le
00
1
Data
-
Response data
UID
7
SW1
status
1
SW2
1
Figure 19. GetCardUID command protocol
Table 57.  Command parameters description - GetCardUID
Name
Length
Value
Description
Command Header Parameters
Cmd
1
51h
Command code.
Command Data Parameters
-
-
-
No data parameters
Table 58.  Response data parameters description - GetCardUID
Name
Length
Value
Description
UID
7
Full range
UID of the MF2DL(H)x0
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 59
Table 59.  Return code description - GetCardUID
Status
Value
Description
COMMAND_ABORTED
CAh
Chained command or multiple pass command ongoing.
INTEGRITY_ERROR
1Eh
Invalid secure messaging MAC (only).
LENGTH_ERROR
7Eh
Command size not allowed.
AUTHENTICATION_ERROR
AEh
No active authentication
MEMORY_ERROR
EEh
Failure when reading or writing to non-volatile memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com