Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 18Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 19Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 20Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 21Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 22Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 23Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 24Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 25Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
22 / 132
9 Secure Messaging
Prior to data transmission a mutual three-pass authentication can be done between PICC
and PCD which results in the generation of session keys used in the secure messaging.
There are two secure messaging types available in the MF2DL(H)x0. One is using
AES-128 and is referred to as AES mode in this data sheet. The other one is using
AES-128 with a Leakage Resilient Primitive (LRP) wrapper, also referred to as LRP
mode. The LRP mode can be permanently enabled using the SetConfiguration
command. After this switch, it is not possible to revert back to AES mode.
Compared to AES mode, the LRP mode has the advantage that it provides strong
resistance against side-channel and fault attacks. It serves as a replacement for
AES as it only uses standard cryptographic constructions based on AES without any
proprietary cryptography. Thus, LRP can be seen as an alternative for AES which is
itself based on AES, and is provably as secure as AES, but comes with better properties
w.r.t. implementation security, see also [10]. The PCD requires the same LRP mode
implementation.
To improve the resistance against side-channel attacks and especially card only
attacks for the AES mode, MF2DL(H)x0 provides a limit for unsuccessful authentication
attempts. Every unsuccessful authentication is counted in the TotFailCtr. The parameters
TotFailCtrLimit TotFailCtrDecr can be configured as described in Section 11.5.1 using the
"Failed authentication counter configuration".
Each unsuccessful authentication is counted internally in the total failed authentication
counter TotFailCtr. After reaching the TotFailCtrLimit, see Section 11.5.1, the related key
cannot be used for authentication anymore.
In addition, after reaching a limit of consecutive unsuccessful authentication
attempts, the MF2DL(H)x0 starts to slow down the authentication processing in
order to hamper attacks. This is done by rejecting any authentication command
with a AUTHENTICATION_DELAY response. The response time of a single
AUTHENTICATION_DELAY response is depending on the FWT, see Section 8.1.1, and
is about 65% of the maximum response time specified by FWT. The error response is
sent until the total authentication delay time is reached which is equal to the sum of the
frame delay times. The total authentication delay time increases with each unsuccessful
authentication attempt up to a maximum value, only a successful authentication restores
the full operational speed.
Changing a blocked AES key by authenticating with the AppMasterKey and using the
ChangeKey command makes the referenced key accessible again. If the AppMasterKey
itself is blocked, no recovery is possible.
Each successful AES authentication decrements the TotFailCtr by a value of
TotFailCtrDecr.
The AES and LRP authentications are initiated by commands sharing the same
command code (First Authentication and Non-First Authentication variants). These
authentication protocols are both AES-based, but differ with regards to the actual
protocol applied and the subsequent secure messaging mode they initiate. An overview
of the different modes is given in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com