Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 12Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 13Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 14Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 15Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 16Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 17Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 18Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 19Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
16 / 132
Table 13. Keys at application level
Key Identifier
Key number
Change Key
Can be used for
Authentication
Addressable keys:
AppMasterKey
00h
AppMasterKey
yes
AppKey
00h..04h
AppMasterKey
yes
AppCommitReaderIDKey
00h..04h
AppMasterKey
yes
AppTransactionMACKey
N/A
N/A
no
8.2.4.1 AppMasterKey
The AppMasterKey always has the key number 00h. A successful authentication with the
AppMasterKey is required to change any application key including the AppMasterKey
itself with the ChangeKey command.
8.2.4.2 AppKey
The application of the MF2DL(H)x0 includes 5 AES 128-bit keys with key numbers 0, 1,
2, 3, 4. Furthermore, key number "E" (means free) and key number "F" (means never)
can be assigned for access rights management.
The transport value of these 5 keys is 16 bytes of 00h, and can be changed by
authentication with key number 0 in transport configuration.
Remark: It is highly recommended to change all 5 keys at personalization, even if not all
keys are used in the application.
8.2.4.3 AppCommitReaderIDKey
The AppCommitReaderIDKey refers to one of the AppKey and is used for the
Transaction MAC feature is described in Section 10.3. Its key number is specified in
Section 8.2.3.6 and is assigned at creation time of the TransactionMAC file.
8.2.4.4 AppTransactionMACKey
The AppTransactionMACKey is not part of the application keys. Its use for the
Transaction MAC feature is described in Section 10.3.
The AppTransactionMACKey is changeable through a TransactionMAC file deletion and
re-creation which requires an active authentication with the AppMasterKey.
The AppTransactionMACKey is not available for authentication.
8.2.4.5 OriginalityKey
The authentication procedure for AES keys can be used to authenticate to one of the
four OriginalityKey and check whether the PICC is a genuine NXP product. MF2DL(H)x0
supports targeting the OriginalityKey with the LRP authentication using AES. For details
on the authentication command, see Section 9.2. The following variants can be used:
• AuthenticateLRPFirst, see Section 9.2.5
• AuthenticateLRPNonFirst, see Section 9.2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com