Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 84Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 85Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 86Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 87Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 88Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 89Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 90Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 91Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
88 / 132
11.8.2 WriteData
The WriteData command allows writing data to StandardData Files. MF2DL(H)x0
supports tearing protection for data that is sent within one communication frame to the
file. Consequently, when using ISO/IEC 14443-4 chaining to write to a StandardData file,
each frame itself is tearing protected but an interrupted chaining can lead to inconsistent
files. Using single-frame WriteData commands instead of using the chaining can enable
better control of the overall write process.
Depending on the communication mode settings of the Data file, data needs to be sent
with either CommMode.Plain, CommMode.MAC or CommMode.Full. All cryptographic
operations are done in CBC mode. In case of CommMode.MAC or CommMode.Full,
the validity of data is verified by the PICC by checking the MAC. If the verification fails,
the PICC stops further user memory programming and returns an Integrity Error to the
PCD. As a consequence of the Integrity Error, any transaction, which might have begun,
is automatically aborted. This can lead to the same situation as described above for an
interrupted WriteData using chained communication.
aaa-032212
PICC to PCD
PCD to PICC
CLA
90
CMD
8D
P1
00
P2
00
Lc
XX
1
1
1
1
1
Le
00
1
Response data
-
0
SW1
status
1
SW2
1
1
3
FileNo
3
Offset
Length
up to 248
Data
Figure 29. WriteData command protocol
Table 90.  Command parameters description - WriteData
Name
Length
Value
Description
Command Header Parameters
Cmd
1
8Dh
Command code.
1
-
File number of the targeted file.
Bit 7-5
000b
RFU
File number
FileNo
Bit 4-0
Full range
Offset
3
000000h ..
(FileSize - 1)
Starting position for the write operation.
Length
3
000001h ..
(FileSize -
Offset)
Number of bytes to be written.
Command Data Parameters
Data
up to 248
byte including
secure
messaging
Full range
Data to be written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com