Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 40Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 41Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 42Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 43Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 44Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 45Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 46Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 47Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
44 / 132
• TMRIPrev: the ReaderID of the latest successful transaction. On successful execution
of CommitTransaction, TMRICur is stored on the PICC as TMRIPrev
During the next transaction, the TMRIPrev is returned encrypted using SesTMENCKey.
This is done via the EncTMRI parameter in the response of the CommitReaderID:
         EncTMRI = ETM(SesTMENCKey, TMRIPrev)
using the AES block cipher according to the CBC mode of NIST SP800-38A [5] without
adding any padding. The zero byte IV is applied, i.e. 128 bits of 0.
The initial TMRIPrev, as configured during creation of the TransactionMAC, is set to all
zero bytes, see Section 11.7.6.
Note that even if the application is configured for LRP, standard AES encryption is used
for the EncTMRI calculation. LRP is only used for the session key generation. The exact
specification of the TMRI is out of scope for this document, but an example can be the 7-
byte SAM UID with padding.
10.3.3 Transaction MAC Enabling
For MF2DL(H)x0, the Transaction MAC feature is enabled by default due to the existence
of the TransactionMAC file. The Transaction MAC feature can be disabled for an
application by deleting the TransactionMAC file with DeleteTransactionMACFile. The
Transaction MAC feature can be re-enabled by creating the TransactionMAC file again
with CreateTransactionMACFile, see Section 11.7.6.
As soon as the Transaction MAC feature is enabled for a selected application, the
Transaction MAC will be calculated, as specified in the next section, for every transaction
within the currently selected application, starting with the next transaction.
MF2DL(H)x0 supports additional Transaction MAC-related configuration options which
can be set via ChangeFileSettings:
• enabling a Transaction MAC counter limit TMCLimit.
• excluding unauthenticated operations from Transaction MAC calculation.
The AppTransactionMACKey is not an application key. Instead it is fully specified and
set by the CreateTransactionMACFile. Therefore, if this key needs to be changed, the
TransactionMAC file needs to be deleted and re-created. Notice that by doing this, the
TMC is also reset to zero.
Note that for MF2DL(H)x0 it is highly recommended to delete the initial
TransactionMAC file and re-create a new TransactionMAC file using a confidential
AppTransactionMACKey.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com