Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 82Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 83Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 84Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 85Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 86Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 87Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 88Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 89Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
86 / 132
11.8 Data management commands
The MF2DL(H)x0 provides the following command set for Data Management functions.
11.8.1 ReadData
The ReadData command allows reading data from StandardData Files. The Read
command requires a preceding authentication either with the key specified for Read
or ReadWrite access, see the access rights section Section 8.2.3.5. Depending
on the communication mode settings of the file secure messaging is applied, see
Section 8.2.3.7.
aaa-032211
PICC to PCD
PCD to PICC
CLA
90
CMD
AD
P1
00
P2
00
Lc
07
1
1
1
1
1
Le
00
1
Response data
-
up to 256
SW1
status
1
SW2
1
1
3
FileNo
3
Offset
Length
Figure 28.  ReadData command protocol
Table 87.  Command parameters description - ReadData
Name
Length
Value
Description
Command Header Parameters
Cmd
1
ADh
Command code.
1
-
File number of the targeted file.
Bit 7-5
000b
RFU
File number
FileNo
Bit 4-0
Full Range
Offset
3
000000h ..
(FileSize - 1)
Starting position for the read operation.
-
Number of bytes to be read.
000000h
Read the entire StandardData file, starting
from the position specified in the offset value.
Note that the short length Le limits response
data to 256 byte including secure messaging (if
applicable).
Length
3
000001h ..
(FileSize -
Offset)
Command Data Parameters
-
-
-
No data parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com