Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 58Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 59Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 60Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 61Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 62Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 63Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 64Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 65Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
62 / 132
Name
Length
Value
Description
Full range
Data content depends on option value as
defined in setConfigOptionsList Table.
Table 47.  SetConfigOptionList
Option
Data
Length
Field
Length/bitin
dex
Description
PICC Configuration
Bit 7-6
RFU
Bit 5
UID0 configuration for Random ID.
If bit 1 is set to 0b, this bit should
be 0b.
0b: [if Bit1 = 1b] Enable ISO-
compliant random ID (UID0 =
08h).
1b: [if Bit1 = 1b] Enable legacy
random ID compatible with
MIFARE DESFire EV1 (UID0 =
80h).
Bit 4 -2
RFU
Bit 1
UseRID configuration for Random.
Random ID is disabled at delivery
time.
1b: Enable Random ID
0b: No change
00h
1 byte
PICCConfig
Bit 0
RFU
02h
5 to 20
bytes
User ATS
5 to 20 bytes User-defined ATS. TL byte of the
ATS should be as 0 < TL< 20.
Please refer to ISO/IEC 14443-4
for ATS definition.
TL: Length byte: 5 <TL <20
T0: Supported values: 75h or 77h.
This means interface bytes always
present. FSC of 64 byte or 128
byte.
TA(1): Any value
TB(1): 71h, 81h. FWI is set by
default to 7h. In use of LRP, FWI
value shall be changed to 8h.
SFGI should be 1h.
TC(1): 02h. CID supported, NAD
not supported.
Tk: Historical bytes: can hold any
value
03h
2 bytes
User SAK
2 bytes
User-defined SAK1 and SAK2
each of one byte long formatted
as SAK1 and SAK2. Refer to ISO/
IEC 14443-3 for SAK1 and SAK2
definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com