Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 51Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 52Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 53Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 54Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 55Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 56Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 57Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 58Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
55 / 132
11.4.2 AuthenticateEV2NonFirst
The AuthenticateEV2NonFirst command can be used only if there is a valid
authentication with AuthenticateEV2First. It continues the transaction with the transaction
started by previous AuthenticateEV2First command. It starts a new session. The scheme
of transaction and sessions within the transaction have been designed to protect any
possible sophisticated replay attacks
aaa-032197
PICC to PCD
PCD to PICC
CLA
90
Response data
E(Kx, RndA')
CMD
AF
P1
00
P2
00
Lc
20
1
2nd Part
1
1
1
1
Le
00
1
32
32
Data
E(Kx, RndA || RndB')
SW1
status
1
SW2
1
PICC to PCD
PCD to PICC
CLA
90
Response data
E(Kx, RndB)
CMD
77
P1
00
P2
00
Lc
01
1
1st Part
1
1
1
1
1
Le
00
1
Data
KeyNo
16
SW1
status
1
SW2
1
Figure 14.  AuthenticateEV2NonFirst command protocol
Table 28.  Command parameters description - AuthenticateEV2NonFirst - Part1
Name
Length
Value
Description
Command Header Parameters
CMD
1
77h
Command code.
1
Targeted authentication key
Bit 7-6
0
RFU
KeyNo
Bit 5-0
0h to 04h
Key number
Command Data Parameters
-
-
-
No data parameters
Table 29.  Response data parameters description - AuthenticateEV2NonFirst - Part1
Name
Length
Value
Description
E(Kx, RndB)
16
Full range
Encrypted PICC challenge
The following data, encrypted with the key Kx
referenced by KeyNo:
- RndB (16 byte): Random number from the
PICC.
SW1SW2
2
91AFh
91XXh
successful execution
Refer to Table 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com