Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 47Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 48Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 49Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 50Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 51Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 52Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 53Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 54Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
51 / 132
SW1 SW2
Name
Description
0x91BE BOUNDARY_ERROR
Attempt toread/write data from/to beyond the
file’s/record’s limits. Attempt to exceed the limits
of a value file.
0x91CA COMMAND_ABORTED
Previous Command was not fully completed.
Not all Frames were requested or provided by
the PCD.
0x91DE DUPLICATE_ERROR
Creation of file/application failed because file/
application with same number already exists.
0x91F0
FILE_NOT_FOUND
Specified file number does not exist.
Table 21.  SW1 SW2 for CLA byte 0x00
SW1 SW2
Description
0x6283
Selected file or application deactivated: selected with limited functionality
0x6700
Wrong length; no further indication
0x6982
Security status not satisfied
0x6985
Conditions of use not satisfied
0x6A80
Incorrect parameters in the command data field
0x6A82
File or application not found
0x6A86
Incorrect parameters P1-P2
0x6A87
Lc inconsistent with parameters P1-P2
0x6C00
Wrong Le field
0x6CXX
Wrong Le field; SW2 encodes the exact number of avail- able data bytes.
0x6D00
Instruction code not supported or invalid
0x6E00
Class not supported
0x9000
Normal processing (no further qualification)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com