Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 8Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 9Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 10Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 11Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 12Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 13Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 14Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 15Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
12 / 132
been computed yet. Note that this value will never be used in a Transaction MAC
computation.
• Transaction MAC Value (TMV) 8 bytes. The TMV is initialized to all zero bytes on file
creation.
A TransactionMAC file is created with the CreateTransactionMACFile command, see
Section 11.7.6.
A TransactionMAC file can be read with a ReadData command, protected by the Read
access right, see below. The behavior is identical as reading a StandardData file of 12
bytes.
A TransactionMAC file cannot be written directly. The TMC and TMV are related
with the latest successful transaction and are updated automatically on successful
CommitTransaction command. In addition, the last calculated TransactionMAC
values can be read out from the TransactionMAC file, in case the response to the
CommitTransaction command has not been received correctly by the PCD. Therefore,
the implementation of this file type supports the integrated backup mechanism for anti-
tearing protected atomic update of these values together with the rest of the transaction
updates.
In addition, the following content is stored in the TransactionMAC file:
• optionally the TransactionMAC ReaderID (TMRIPrev), see Section 11.9.3, as
a committed value becomes valid together with the updated TMC and TMV on
CommitTransaction.
• the AppTransactionMACKey, as it is specified when creating the TransactionMAC file.
However, these values are never immediately accessible on the command interface via
the file (e.g. using ReadData).
8.2.3.5 File access rights management
File data is accessed with 3 different access rights Read, Write and ReadWrite.
In addition, an access right called Change is specified per file permitting
ChangeFileSettings to change the file access rights.
An access right is granted if at least one condition associated to it is satisfied. Such
conditions are called access conditions. Access conditions are associated with an access
right and evaluated to decide whether the access right is granted or not. There are three
kinds of access conditions:
• The access condition where a valid authentication with a given AppKey of the targeted
application is needed to access related commands listed in Table 9. The access
condition is satisfied if the current valid authentication has been performed with the
given AppKey and not satisfied in all other cases. The AppKey is specified with its
number.
• The free access condition meaning the related commands listed in Table 9 can be
accessed without an active authentication.
• The no access condition meaning no access to related commands listed in Table 9.
The access conditions are specified on 4 bits as defined in the following table.
Table 6.  Access condition
Condition value
Description
0h..4h
key number of a AppKey



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com