Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 38Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 39Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 40Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 41Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 42Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 43Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 44Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 45Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
42 / 132
enabled by setting a customized value with ChangeFileSettings. It can be retrieved with
GetFileSettings.
Once the TMC (actTMC in case of LRP) equals the TMCLimit, no data management
commands, see Section 11.8 can be executed, except ReadData targeting the
TransactionMAC file. Also CommitReaderID will be rejected. This means the application
can still be selected, but with limited functionality. ISOSelectFile will be responded with
error response 6283h indicating that the selected file or application has been deactivated
and provides limited functionality.
If configuring from standard AES to LRP, see Section 11.5.1, the TMCLimit is set to the
minimum of FFFFh and its current value. This means it is possible that suddenly the
maximum value is reached, i.e. if TMC at that point in time hold a value of FFFFh or
larger. If the TMCLimit gets disabled with ChangeFileSettings, this is also equivalent to
putting it to the maximum value: FFFFFFFFh if standard AES, or FFFFh if LRP. Also
when the TransactionMAC file gets re-created with CreateTransactionMACFile, the
feature is disabled and TMCLimit is set to the maximum value.
10.3.2.3 Transaction MAC Session Keys
Out of the AppTransactionMACKey, two session keys are generated:
• SesTMMACKey for computing the Transaction MAC Value
• SesTMENCKey for encrypting the committed ReaderID (if used)
The Transaction MAC Session Keys are derived using the following algorithms.
AES mode
The session key generation is according to NIST SP 800-108 [10] in counter mode.
The Pseudo Random Function PRF(key; message) applied during the key generation
is the CMAC algorithm described in NIST Special Publication 800-38B [6]. The key
derivation key is the AppTransactionMACKey, see Section 8.2.4.
The input data is constructed using the following fields as defined by [10]. Note that NIST
SP 800-108 allows defining a different order than proposed by the standard as long as it
is unambiguously defined.
• a 1-byte label, distinguishing the purpose of the key: 31h for MACing and 32h for
encryption
• a 2-byte counter, fixed to 0001h as only 128-bit keys are generated.
• a 2-byte length, fixed to 0080h as only 128-bit keys are generated.
• a 11-byte context, constructed using the 4-byte TMC+1 and the UID
Two session vectors SVx are derived as follows:
      SV1 = 5Ah||00h||01h||00h||80h||(TMC+1)||UID
      SV2 = A5h||00h||01h||00h||80h||(TMC+1)||UID
Then, the 16-byte session keys SesTMMACKey and SesTMENCKey are constructed as
follows:
SesTMMACKey = PRF(AppTransactionMACKey, SV1)
SesTMENCKey = PRF(AppTransactionMACKey, SV2)
LRP mode
The session key generation is according to NIST SP 800-108 [10] in counter mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com