Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 92Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 93Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 94Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 95Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 96Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 97Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 98Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 99Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
96 / 132
11.8.6 LimitedCredit
The LimitedCredit command allows a limited increase of a value stored in a Value File
without having full Credit permissions to the file. This feature can be enabled or disabled
through the SetConfiguration command. It is necessary to validate the updated value with
a CommitTransaction command. An AbortTransaction command invalidates all changes.
The value modifications of Credit, Debit and LimitedCredit commands are cumulated
until a CommitTransaction command is issued. The LimitedCredit command requires a
preceding authentication with the AppKey specified for “Write” or "Read&Write" access.
The value for LimitedCredit is limited to the sum of the Debit commands on this value
file within the most recent transaction containing at least one Debit. After executing
the LimitedCredit command, the new limit is set to 0 regardless of the amount which
has been rebooked. Therefore, the LimitedCredit command can only be used once
after a Debit transaction. Secure messaging applies to this command according to file
communication mode setting.
aaa-032216
PICC to PCD
PCD to PICC
CLA
90
CMD
1C
P1
00
P2
00
Lc
XX
1
1
1
1
1
Le
00
1
1
4
FileNr
Value
Response data
-
0
SW1
status
1
SW2
1
Figure 33.  LimitedCredit command protocol
Table 102.  Command parameters description - LimitedCredit
Name
Length
Value
Description
Command Header Parameters
Cmd
1
1Ch
Command code.
1
-
File number of the targeted file.
Bit 7-5
000b
RFU
FileNr
Bit 4-0
00h to 1Fh
File number
Command Data Parameters
Value
4
00000000h ..
7FFFFFFFh
Value to be Ltd. credited. LSB first. Should be
positive.
Table 103.  Response data parameters description - LimitedCredit
Name
Length
Value
Description
Response
Data
0
-
No response data
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 104
Table 104.  Return code description - LimitedCredit
Status
Value
Description
COMMAND_ABORTED
CAh
Chained command or multiple pass command ongoing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com