Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 71Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 72Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 73Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 74Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 75Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 76Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 77Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 78Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
75 / 132
Name
Length
Value
Description
00000001h ..
FFFFFFFFh
[if AES mode]
TMCLimit value (4 byte)
0001h ..
FFFFh
[if LRP mode]
TMCLimit value (2 byte)
Table 67.  Response data parameters description - ChangeFileSettings
Name
Length
Value
Description
Response
data
0
-
No response data
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 68
Table 68.  Return code description - ChangeFileSettings
Status
Value
Description
COMMAND_ABORTED
CAh
Chained command or multiple pass command ongoing.
INTEGRITY_ERROR
1Eh
Integrity error in cryptogram. Invalid Secure Messaging
MAC (only ).
LENGTH_ERROR
7Eh
Command size not allowed.
Parameter value not allowed.
Targeted key for one of the access conditions in
AccessRights does not exist.
Trying to set a TMCLimit which is smaller or equal to
the current TMC.
PARAMETER_ERROR
9Eh
Trying to exclude unauthenticated operations from TMI
(FileOption Bit 4 is set) while ReadWrite is set to Eh,
i.e. enabling free CommitReaderID.
PICC level (MF) is selected.
PERMISSION_DENIED
9Dh
File access right Change of targeted file has access
conditions set to Fh.
FILE_NOT_FOUND
F0h
File with targeted FileNo does not exist for the targeted
application.
AUTHENTICATION_ERROR
AEh
File access right Change of targeted file not granted as
there is no active authentication with the required key
while the access conditions is different from Fh.
MEMORY_ERROR
EEh
Failure when reading or writing to non-volatile memory.
11.7.2 GetFileSettings
The GetFileSettings command allows getting information on the properties of a specific
file. The information provided by this command depends on the type of the file which is
queried.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com